Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11209EEE Datasheet (PDF) - Maxim Integrated Products

MAX11209EEE Datasheet PDF - Maxim Integrated Products
Part # MAX11209EEE
Download  MAX11209EEE Download
File Size   1137.66 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX11213 Evaluation Kits

MAX11209EEE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11209EEE Datasheet PDF - Maxim Integrated Products

Part # MAX11209EEE
Download  MAX11209EEE Click to download

File Size   1137.66 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX11213 Evaluation Kits

MAX11209EEE Datasheet (HTML) - Maxim Integrated Products


MAX11209EEE Product details

General Description
The MAX11200/MAX11210 are ultra-low-power (< 300FA active current), high-resolution, serial output ADCs. These devices provide the highest resolution per unit power in the industry, and are optimized for applications that require very high dynamic range with low power, such as sensors on a 4mA to 20mA industrial control loop. Optional input buffers provide isolation of the signal inputs from the switched capacitor sampling network allowing these con verters to be used with high-impedance sources without compromising available dynamic range or linearity. The devices provide a high-accuracy internal oscillator that requires no external components. When used with the specified data rates, the internal digital filter provides more than 100dB rejection of 50Hz or 60Hz line noise. The devices are configurable using the SPI interface and are available in a 16-pin QSOP package.

Benefts and Features
● Minimize Power Consumption with Ultra-Low Power Dissipation
   • Operating-Mode Current Drain < 300µA (max)
   • Sleep-Mode Current Drain < 0.4µA
● Improve Measurement Quality with Excellent DC/AC Accuracy
   • 24.0-Bit ENOB at 5sps
      20.9-Bit Noise-Free Resolution at 10sps
      19-Bit Noise-Free Resolution at 120sps
   • 570nVRMS Noise at 10sps, ±3.6VFS Input
   • 1ppm INL (typ), 10ppm (max) and No Missing Codes
● Lower System Cost with Integrated Functionality
   • Programmable Gain (1 to 16) (MAX11210)
   • Four SPI-Controlled GPIOs for External Mux Control
   • Optional Input Buffers on Both Signal and Reference Inputs
   • > 100dB (min) 50Hz/60Hz Rejection
● Increase System Accuracy with Built-In Self Calibration
   • On-Demand Offset and Gain Self-Calibration and System Calibration
   • User-Programmable Offset and Gain Registers
● Increase System Robustness and Reliability with ±2kV ESD Protection
● 2.7V to 3.6V Analog Supply Range
● 1.7V to 3.6V Digital and I/O Supply Range
● -40°C to 85°C Operating Temperature Range

Applications
   Sensor Measurement (Temperature and Pressure)
   Portable Instrumentation
   Battery Applications
   Weigh Scales




Similar Part No. - MAX11209EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11209EEE+ MAXIM-MAX11209EEE+ Datasheet
1Mb / 27P
18-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
19-5473; Rev 0; 8/10
MAX11209EEE+ MAXIM-MAX11209EEE+ Datasheet
1Mb / 19P
On-Board Isolated Power Supplies Rejecting Power Line Noise
Rev 0; 9/10
MAX11209EEE+ MAXIM-MAX11209EEE+ Datasheet
2Mb / 27P
18-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
More results


Similar Description - MAX11209EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
Evaluation Kits
Rev 0; 7/04
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
Evaluation Kits
Rev 0; 4/00
MAX2118EVKIT MAXIM-MAX2118EVKIT Datasheet
402Kb / 7P
MAX2116 Evaluation Kits
Rev 0; 7/02
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
Evaluation Kits
Rev 2; 5/01
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
Evaluation Kits
Rev 1; 5/01
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
Evaluation Kits
Rev 8; 4/21
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
EVALUATION/DEVELOPMENT KITS
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com