Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C182BH Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C182BH Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C182BH
Download  PI6C182BH Download
File Size   487.52 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision 1-10 Clock Buffer

PI6C182BH Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C182BH Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C182BH
Download  PI6C182BH Click to download

File Size   487.52 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision 1-10 Clock Buffer

PI6C182BH Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C182BH Product details

Description
The PI6C182B is a high-speed low-noise 1-10 non-inverting buffer designed for SDRAM clock buffer applications and supports higher frequencies up to 140 MHz.
At power up all SDRAM output are enabled and active. The I2C Serial control may be used to individually activate/deactivate any of the 10 output drivers.
The output enable (OE) pin may be pulled low to Hi-Z state on all outputs.
Note: Purchase of I2C components from Pericom conveys a license to use them in an I2C system as defned by Philips.

Features
• Low noise non-inverting 1-10 buffer
• Supports frequency up to 140 MHz
• Supports up to four SDRAM DIMMs
• Low skew (<200ps) between any two output clocks
• I2C Serial Confguration interface
• Multiple VDD, VSS pins for noise reduction
• 3.3V power supply voltage
• Separate Hi-Z state pin for testing
• Industrial Temperature Range (-40°C to +85°C)
• Packaging: (Pb-free & Green available)
   —28-pin SSOP (H)




Similar Part No. - PI6C182BH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C182BH PERICOM-PI6C182BH Datasheet
458Kb / 7P
Precision 1-10 Clock Buffer
PI6C182BHE PERICOM-PI6C182BHE Datasheet
458Kb / 7P
Precision 1-10 Clock Buffer
More results


Similar Description - PI6C182BH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
Precision 1-18 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
Precision 1-7 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
Precision 1-7 Clock Buffer
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
Precision 1-5 Clock Buffer
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
Precision 1-5 Clock Buffer
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
Precision 1-13 Clock Buffer
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
Precision 1-13 Clock Buffer
PI6C182 PERICOM-PI6C182 Datasheet
420Kb / 7P
Precision 1-10 Clock Buffer
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
Precision 1-10 Clock Buffer
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
1:10 Clock Fanout Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com