Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT32802QEX Datasheet (PDF) - Pericom Semiconductor Corporation

PI49FCT32802QEX Datasheet PDF - Pericom Semiconductor Corporation
Part # PI49FCT32802QEX
Download  PI49FCT32802QEX Download
File Size   410.98 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1:5/1:7 3.3V CMOS Clock Drivers

PI49FCT32802QEX Datasheet (PDF)

Go To PDF Page Download Datasheet
PI49FCT32802QEX Datasheet PDF - Pericom Semiconductor Corporation

Part # PI49FCT32802QEX
Download  PI49FCT32802QEX Click to download

File Size   410.98 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1:5/1:7 3.3V CMOS Clock Drivers

PI49FCT32802QEX Datasheet (HTML) - Pericom Semiconductor Corporation


PI49FCT32802QEX Product details

Description
Pericom Semiconductor’s PI49FCT3280x is a 3.3V very low-skew clock buffer from a single low-capacitance input that produces fve outputs on PI49FCT32802 and seven outputs on PI49FCT32803. Excellent output signals to power and ground ratio minimize power and ground noise, and also improves output performance.
The PI49FCT3280x integrates series damping resistors on all outputs.

Features
• Low skew: < 200ps
• Fast switching frequency >133 MHz
• Fast output rise/fall time < 1.5ns
• Low propagation delay < 2.5ns
• Low input capacitance < 6.0pF
• 5V Tolerant input
• Rail-to-Rail CMOS outputs
• Industrial Temperature: –40°C to +85°C
• 3.3V ±10% operation
• Packages (Pb-free & Green available):
    – 16-pin 150-mil wide QSOP (Q)
    – 16-pin 173-mil wide TSSOP (L)




Similar Part No. - PI49FCT32802QEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32802QE PERICOM-PI49FCT32802QE Datasheet
386Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
More results


Similar Description - PI49FCT32802QEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32802 PERICOM-PI49FCT32802 Datasheet
386Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32806 PERICOM-PI49FCT32806 Datasheet
214Kb / 7P
3.3V, 2 x 1:5 CMOS Clock Driver
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32803 POTATO-PO49FCT32803 Datasheet
549Kb / 6P
3.3V 1:7 CMOS Clock Buffered Driver
PO74G2305A POTATO-PO74G2305A Datasheet
394Kb / 5P
3.3V 1:5 CMOS Clock Buffered Driver
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com