Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5W-100 Datasheet (PDF) - Vishay Siliconix

5W-100 Datasheet PDF - Vishay Siliconix
Part # 5W-100
Download  5W-100 Download
File Size   181.59 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 5mm 11 Turn Surface Mount Cermet Trimming Potentiometer

5W-100 Datasheet (PDF)

Go To PDF Page Download Datasheet
5W-100 Datasheet PDF - Vishay Siliconix

Part # 5W-100
Download  5W-100 Click to download

File Size   181.59 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 5mm 11 Turn Surface Mount Cermet Trimming Potentiometer

5W-100 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 5W-100

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
5W-BPH LINKCOM-5W-BPH Datasheet
475Kb / 2P
AC Input 90-264Vac
5W-BPHE LINKCOM-5W-BPHE Datasheet
509Kb / 4P
LED Driver
More results


Similar Description - 5W-100

ManufacturerPart #DatasheetDescription
logo
Bi technologies
22AR10KLFTR BITECH-22AR10KLFTR Datasheet
171Kb / 3P
3 mm Single Turn Sealed Surface Mount Cermet Trimming Potentiometer
23AR10KLFTR BITECH-23AR10KLFTR Datasheet
125Kb / 4P
4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
4mm Diameter Single Turn Cermet Trimming Potentiometer
35WR10KLFTR BITECH-35WR10KLFTR Datasheet
121Kb / 3P
3 mm Single-Turn Open Frame Surface Mount Cermet Trimming Potentiometer
45GR10KLFXX BITECH-45GR10KLFXX Datasheet
62Kb / 5P
4mm Square High Resolution - 15 Turn Surface Mount Cermet Trimming Potentiometer
83PR10KLF BITECH-83PR10KLF Datasheet
55Kb / 3P
1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
22AR500LFTR ETC-22AR500LFTR Datasheet
164Kb / 3P
3 mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
logo
Bi technologies
23BR5KLFTR BITECH-23BR5KLFTR Datasheet
129Kb / 4P
4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
25PR10KLFTR BITECH-25PR10KLFTR_14 Datasheet
383Kb / 4P
Cermet Trimming Potentiometer
logo
TT Electronics.
MODEL67 TTELEC-MODEL67 Datasheet
550Kb / 3P
Cermet Trimming Potentiometer
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com