Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276R-6Q3 Datasheet (PDF) - STMicroelectronics

ST10F276R-6Q3 Datasheet PDF - STMicroelectronics
Part # ST10F276R-6Q3
Download  ST10F276R-6Q3 Download
File Size   2491.78 Kbytes
Page   235 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM

ST10F276R-6Q3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST10F276R-6Q3 Datasheet PDF - STMicroelectronics

Part # ST10F276R-6Q3
Download  ST10F276R-6Q3 Click to download

File Size   2491.78 Kbytes
Page   235 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM

ST10F276R-6Q3 Datasheet (HTML) - STMicroelectronics


ST10F276R-6Q3 Product details

Introduction

The ST10F276E is a derivative of the STMicroelectronics® ST10 family of 16-bit single-chip CMOS microcontrollers. It combines high CPU performance (up to 32 million instructions per second) with high peripheral functionality and enhanced  I/O-capabilities. It also provides on-chip high-speed single voltage Flash memory, on-chip high-speed RAM, and clock

generation via PLL.



Features

■ Highly performance 16-bit CPU with DSP functions

– 31.25ns instruction cycle time at 64MHz max CPU clock

– Multiply/accumulate unit (MAC) 16 x 16-bit multiplication, 40-bit accumulator

– Enhanced boolean bit manipulations

– Single-cycle context switching support

■ On-chip memories

– 512 Kbyte Flash memory (32-bit fetch)

– 320 Kbyte extension Flash memory (16-bit fetch)

– Single voltage Flash memories with erase/program controller and 100K erasing/programming cycles

– Up to 16 Mbyte linear address space for code and data (5 Mbytes with CAN or I2C)

– 2 Kbyte internal RAM (IRAM)

– 66 Kbyte extension RAM (XRAM)

■ External bus

– Programmable external bus configuration & characteristics for different address ranges

– 5 programmable chip-select signals

– Hold-acknowledge bus arbitration support

■ Interrupt

– 8-channel peripheral event controller for single cycle interrupt driven data transfer

– 16-priority-level interrupt system with 56 sources, sampling rate down to 15.6ns

■ Timers

– 2 multi-functional general purpose timer units with 5 timers

■ Two 16-channel capture / compare units

■ 4-channel PWM unit + 4-channel XPWM

■ A/D converter

– 24-channel 10-bit

– 3 µs minimum conversion time

■ Serial channels

– 2 synch. / asynch. serial channels

– 2 high-speed synchronous channels

–1 I2C standard interface

■ 2 CAN 2.0B interfaces operating on 1 or 2 CAN busses (64 or 2x32 message, C-CAN version)

■ Fail-safe protection

– Programmable watchdog timer

– Oscillator watchdog

■ On-chip bootstrap loader

■ Clock generation

– On-chip PLL with 4 to 12 MHz oscillator

– Direct or prescaled clock input

■ Real-time clock and 32 kHz on-chip oscillator

■ Up to 111 general purpose I/O lines

– Individually programmable as input, output or special function

– Programmable threshold (hysteresis)

■ Idle, power down and stand-by modes

■ Single voltage supply: 5V ±10% (embedded regulator for 1.8 V core supply)




Similar Part No. - ST10F276R-6Q3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
61Kb / 4P
16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM
18-Jul-2005
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
4Mb / 229P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
02-Jun-2006
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
806Kb / 4P
16-bit microcontrollers for automotive applications
Jun-2006
ST10F276E STMICROELECTRONICS-ST10F276E Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
ST10F276Z5 STMICROELECTRONICS-ST10F276Z5 Datasheet
2Mb / 239P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
03-Dec-2007
More results


Similar Description - ST10F276R-6Q3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F276 STMICROELECTRONICS-ST10F276_06 Datasheet
4Mb / 229P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
02-Jun-2006
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
ST10F272M STMICROELECTRONICS-ST10F272M Datasheet
3Mb / 175P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
09-May-2007
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
30-Jun-2006
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
18-Jan-2008
ST10F276Z5 STMICROELECTRONICS-ST10F276Z5_07 Datasheet
2Mb / 239P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
03-Dec-2007
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
11-Jan-2008
ST10F276E STMICROELECTRONICS-ST10F276E Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
20-Aug-2012
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
10-Jan-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com