Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG2525A Datasheet (PDF) - STMicroelectronics

SG2525A Datasheet PDF - STMicroelectronics
Part # SG2525A
Download  SG2525A Download
File Size   939.46 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description REGULATING PULSE WIDTH MODULATORS

SG2525A Datasheet (PDF)

Go To PDF Page Download Datasheet
SG2525A Datasheet PDF - STMicroelectronics

Part # SG2525A
Download  SG2525A Click to download

File Size   939.46 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description REGULATING PULSE WIDTH MODULATORS

SG2525A Datasheet (HTML) - STMicroelectronics


SG2525A Product details

DESCRIPTION
The SG3525Aseries of pulse width modulator integrated circuits are designed to offer improved performance and lowered external parts count when used in designing all types of switching power supplies. The on-chip + 5.1 V reference is trimmed to ± 1 % and the input common-mode range of the error amplifier includes the reference voltage eliminating external resistors. A sync input to the oscillator allows multiple units to be slaved or a single unit to be synchronized to an external system clock. A single resistor between the CT and the discharge terminals provide a wide range of dead time adjustment. These devices also feature built-in soft-start circuitry with only an external timing capacitor required. A shutdown terminal controls both the soft-start circuity and the output stages, providing instantaneous turn off through the PWM latch with pulsed shutdown, as well as soft-start recycle with longer shutdown commands. These functions are also controlled by an under voltage lockout which keeps the outputs off and the soft-start capacitor discharged for sub-normal input voltages. This lockout circuitry includesapproximately500 mV of hysteresis for jitter free operation. Another feature of these PWM circuits is a latch following the comparator. Once a PWM pulses has been terminated for any reason, the outputs will remain off for the duration of the period. The latch is reset with each clock pulse. The output stages are totem-pole designs capable of sourcing or sinking in excess of 200 mA. The SG3525AoutputstagefeaturesNOR logic, giving a LOW output for an OFF state.

■ 8 TO 35 V OPERATION
■ 5.1 V REFERENCE TRIMMED TO ± 1 %
■ 100 Hz TO 500 KHz OSCILLATORRANGE
■ SEPARATE OSCILLATORSYNC TERMINAL
■ ADJUSTABLE DEADTIME CONTROL
■ INTERNAL SOFT-START
■ PULSE-BY-PULSESHUTDOWN
■ INPUT UNDERVOLTAGE LOCKOUT WITH HYSTERESIS
■ LATCHING PWM TO PREVENT MULTIPLE PULSES
■ DUAL SOURCE/SINK OUTPUT DRIVERS




Similar Part No. - SG2525A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
logo
Microsemi Corporation
SG2525A MICROSEMI-SG2525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
SG2525A MICROSEMI-SG2525A Datasheet
241Kb / 7P
REGULATING PULSE WIDTH MODULATOR
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
939Kb / 12P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
logo
Microsemi Corporation
SG2525ADW MICROSEMI-SG2525ADW Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
More results


Similar Description - SG2525A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
logo
Texas Instruments
SG2524 TI-SG2524 Datasheet
521Kb / 20P
REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
Regulating Pulse Width Modulators
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
REGULATING PULSE WIDTH MODULATORS
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
Regulating Pulse Width Modulators
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
REGULATING PULSE-WIDTH MODULATORS
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
REGULATING PULSE WIDTH MODULATORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com