Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD10PF06-1 Datasheet (PDF) - STMicroelectronics

STD10PF06-1 Datasheet PDF - STMicroelectronics
Part # STD10PF06-1
Download  STD10PF06-1 Download
File Size   299.15 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description P-CHANNEL 60V - 0.18 Ohm - 10A IPAK/DPAK STripFET II POWER MOSFET

STD10PF06-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD10PF06-1 Datasheet PDF - STMicroelectronics

Part # STD10PF06-1
Download  STD10PF06-1 Click to download

File Size   299.15 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description P-CHANNEL 60V - 0.18 Ohm - 10A IPAK/DPAK STripFET II POWER MOSFET

STD10PF06-1 Datasheet (HTML) - STMicroelectronics


STD10PF06-1 Product details

DESCRIPTION
This Power MOSFET is the latest development of STMicroelectronis unique "Single Feature Size™" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.

■ TYPICAL RDS(on) = 0.18 Ω
■ EXCEPTIONAL dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ LOW GATE CHARGE
■ APPLICATION ORIENTED CHARACTERIZATION
■ THROUGH-HOLE IPAK (TO-251) POWER PACKAGE IN TUBE (SUFFIX “-1")
■ SURFACE-MOUNTING DPAK (TO-252) POWER PACKAGE IN TAPE & REEL (SUFFIX “T4")

APPLICATIONS
■ MOTOR CONTROL
■ DC-DC & DC-AC CONVERTERS




Similar Part No. - STD10PF06-1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD10PF06-1 VBSEMI-STD10PF06-1 Datasheet
939Kb / 7P
P-Channel 60-V (D-S) MOSFET
More results


Similar Description - STD10PF06-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10PF06 STMICROELECTRONICS-STD10PF06 Datasheet
85Kb / 8P
P - CHANNEL 60V - 0.18 ohm - 10A TO-252 STripFET POWER MOSFET
Apr-1999
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Dec-2001
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Jun-2003
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET™ II POWER MOSFET
Mar-2002
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
10-Jan-2006
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
03-Jul-2006
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
19-Feb-2007
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
N-channel 60V - 0.060Ω - 24A - DPAK/IPAK STripFET??II Power MOSFET
19-Feb-2007
STD10PF06T4 STMICROELECTRONICS-STD10PF06T4 Datasheet
299Kb / 9P
P-CHANNEL 60V - 0.18 W - 10A IPAK/DPAK STripFET??II POWER MOSFET
Mar-2002
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
03-Jul-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com