Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8064ZSP Datasheet (PDF) - Richtek Technology Corporation

RT8064ZSP Datasheet PDF - Richtek Technology Corporation
Part # RT8064ZSP
Download  RT8064ZSP Download
File Size   202.83 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 2MHz, Synchronous Step-Down Converter

RT8064ZSP Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8064ZSP Datasheet PDF - Richtek Technology Corporation

Part # RT8064ZSP
Download  RT8064ZSP Click to download

File Size   202.83 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 2MHz, Synchronous Step-Down Converter

RT8064ZSP Datasheet (HTML) - Richtek Technology Corporation


RT8064ZSP Product details

General Description
The RT8064 is a high efficiency synchronous, step-down DC/DC converter. Its input voltage range is from 2.7V to 5.5V and provides an adjustable regulated output voltage from 0.8V to 5V while delivering up to 2A of output current.

Features
• High Efficiency : Up to 95%
• Adjustable Frequency : 200kHz to 2MHz
• No Schottky Diode Required
• 0.8V Reference Allows Low Output Voltage
• Low Dropout Operation : 100% Duty Cycle
• Enable Function
• External Soft-Start
• Power Good Function
• RoHS Compliant and Halogen Free

Applications
• LCD TV and Monitor
• Notebook Computers
• Distributed Power Systems
• IP Phones
• Digital Cameras




Similar Part No. - RT8064ZSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZQW RICHTEK-RT8064ZQW Datasheet
202Kb / 13P
High Efficiency : Up to 95%, Adjustable Frequency : 200kHz to 2MHz
More results


Similar Description - RT8064ZSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
2A, 2MHz, Synchronous Step-Down Regulator
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8062 RICHTEK-RT8062 Datasheet
150Kb / 11P
2A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com