Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5282 Datasheet (PDF) - Freescale Semiconductor, Inc

MCF5282 Datasheet PDF - Freescale Semiconductor, Inc
Part # MCF5282
Download  MCF5282 Download
File Size   8904.17 Kbytes
Page   766 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontroller User?셲 Manual

MCF5282 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCF5282 Datasheet PDF - Freescale Semiconductor, Inc

Part # MCF5282
Download  MCF5282 Click to download

File Size   8904.17 Kbytes
Page   766 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontroller User?셲 Manual

MCF5282 Datasheet (HTML) - Freescale Semiconductor, Inc


MCF5282 Product details

Overview

This chapter provides an overview of the microprocessor features, including the major functional components.



Key Features

A block diagram of the MCF528x and MCF521x is shown in Figure 1-1. The main features are as follows:

• Static Version 2 ColdFire variable-length RISC processor

   — Static operation

   — On-chip 32-bit address and data path

   — Processor core and bus frequency up to 80 MHz

   — Sixteen general-purpose 32-bit data and address registers

   — ColdFire ISA_A with extensions to support the user stack pointer register, and four new instructions for improved bit processing

   — Enhanced Multiply-Accumulate (EMAC) unit with four 48-bit accumulators to support 32-bit signal processing algorithms

   — Illegal instruction decode that allows for 68K emulation support

• System debug support

   — Real-time trace for determining dynamic execution path

   — Background debug mode (BDM) for in-circuit debugging

   — Real time debug support, with one user-visible hardware breakpoint register (PC and address with optional data) that can be configured into a 1- or 2-level trigger

• On-chip memories

   — 2-Kbyte cache, configurable as instruction-only, data-only, or split I-/D-cache

   — 64-Kbyte dual-ported SRAM on CPU internal bus, accessible by core and non-core bus masters

      (e.g., DMA, FEC) with standby power supply support

   — 512 Kbytes of interleaved Flash memory supporting 2-1-1-1 accesses

      (256 Kbytes on the MCF5281 and MCF5214, no Flash on MCF5280)

   – This product incorporates SuperFlash® technology licensed from SST.

• Power management

   — Fully-static operation with processor sleep and whole chip stop modes

   — Very rapid response to interrupts from the low-power sleep mode (wake-up feature)

   — Clock enable/disable for each peripheral when not used

• Fast Ethernet Controller (FEC) (not available on the MCF5214 and MCF5216)

   — 10BaseT capability, half- or full-duplex

   — 100BaseT capability, half- or limited-throughput full-duplex

   — On-chip transmit and receive FIFOs

   — Built-in dedicated DMA controller

   — Memory-based flexible descriptor rings

   — Media-independent interface (MII) to transceiver (PHY)

• FlexCAN 2.0B Module

   — Includes all existing features of the Freescale TouCAN module

   — Full implementation of the CAN protocol specification version 2.0B

      – Standard data and remote frames (up to 109 bits long)

      – Extended data and remote frames (up to 127 bits long)

      – 0–8 bytes data length

      – Programmable bit rate up to 1 Mbit/sec

   — Up to 16 message buffers (MBs)

      – Configurable as receive (Rx) or transmit (Tx)

      – Support standard and extended messages

   — Unused message buffer (MB) space can be used as general-purpose RAM space

   — Listen-only mode capability

   — Content-related addressing

   — No read/write semaphores

   — Three programmable mask registers

      – Global (for MBs 0-13)

      – Special for MB14

      – Special for MB15

   — Programmable transmit-first scheme: lowest ID or lowest buffer number

   — “Time stamp” based on 16-bit free-running timer

   — Global network time, synchronized by a specific message

   — Programmable I/O modes

   — Maskable interrupts

• Three universal asynchronous/synchronous receiver transmitters (UARTs)

   — 16-bit divider for clock generation

   — Interrupt control logic

   — Maskable interrupts

   — DMA support

   — Data formats can be 5, 6, 7, or 8 bits with even, odd, or no parity

   — Up to 2 stop bits in 1/16 increments

   — Error-detection capabilities

   — Modem support includes request-to-send (URTS) and clear-to-send (UCTS) lines for two UARTs

   — Transmit and receive FIFO buffers

• I2C module

   — Interchip bus interface for EEPROMs, LCD controllers, A/D converters, and keypads

   — Fully compatible with industry-standard I2C bus

   — Master or slave modes support multiple masters

   — Automatic interrupt generation with programmable level

• Queued serial peripheral interface (QSPI)

   — Full-duplex, three-wire synchronous transfers

   — Up to four chip selects available

   — Master mode operation only

   — Programmable master bit rates

   — Up to 16 pre-programmed transfers

• Queued analog-to-digital converter (QADC)

   — 8 direct, or up to 18 multiplexed, analog input channels

   — 10-bit resolution +/- 2 counts accuracy

   — Minimum 7 μS conversion time

   — Internal sample and hold

   — Programmable input sample time for various source impedances

   — Two conversion command queues with a total of 64 entries

   — Sub-queues possible using pause mechanism

   — Queue complete and pause software interrupts available on both queues

   — Queue pointers indicate current location for each queue

   — Automated queue modes initiated by:

      – External edge trigger and gated trigger

      – Periodic/interval timer, within QADC module [Queue 1 and 2]

      – Software command

   — Single-scan or continuous-scan of queues

   — Output data readable in three formats:

      – Right-justified unsigned

      – Left-justified signed

      – Left-justified unsigned

   — Unused analog channels can be used as digital I/O

   — Low pin-count configuration implemented

• Four 32-bit DMA timers

   — 15-ns resolution at 80 MHz (66 MHz for MCF5214 and MCF5216)

   — Programmable sources for clock input, including an external clock option

   — Programmable prescaler

   — Input-capture capability with programmable trigger edge on input pin

   — Output-compare with programmable mode for the output pin

   — Free run and restart modes

   — Maskable interrupts on input capture or reference-compare

   — DMA trigger capability on input capture or reference-compare

• Two 4-channel general purpose timers

   — Four 16-bit input capture/output compare channels per timer

   — 16-bit architecture

   — Programmable prescaler

   — Pulse widths variable from microseconds to seconds

   — Single 16-bit pulse accumulator

   — Ability to boot from internal Flash memory or external memories that are 8, 16, or 32 bits wide (Continue..)



 




Similar Part No. - MCF5282

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
3Mb / 3P
CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
MCF5282 and MCF5216 ColdFire짰 Microcontroller User?셲 Manual
MCF5282CVF66 FREESCALE-MCF5282CVF66 Datasheet
8Mb / 766P
MCF5282 and MCF5216 ColdFire Microcontroller User s Manual
MCF5282CVF80 FREESCALE-MCF5282CVF80 Datasheet
8Mb / 766P
MCF5282 and MCF5216 ColdFire Microcontroller User s Manual
MCF5282CVM66 FREESCALE-MCF5282CVM66 Datasheet
8Mb / 766P
MCF5282 and MCF5216 ColdFire짰 Microcontroller User?셲 Manual
More results


Similar Description - MCF5282

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
Integrated Multiprotocol Processor User?셲 Manual
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
Integrated Multiprotocol Processor User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
Evaluation Board User?셲 Manual
September 27, 2006
logo
RDC Semiconductor
R8810LV RDC-R8810LV Datasheet
763Kb / 93P
16-Bit RISC Microcontroller User?셲 Manual
logo
Anaren Microwave
A2530R24A ANAREN-A2530R24A_12 Datasheet
3Mb / 45P
AIR BoosterPack User?셲 Manual
logo
Freescale Semiconductor...
MCF5282CVM66 FREESCALE-MCF5282CVM66 Datasheet
8Mb / 766P
MCF5282 and MCF5216 ColdFire짰 Microcontroller User?셲 Manual
logo
Motorola, Inc
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
Integrated Microprocessor User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
X10SRW-F User?셲 Manual
logo
Maxim Integrated Produc...
UG5796 MAXIM-UG5796 Datasheet
2Mb / 240P
Optical Microcontroller User?셲 Guide
Rev 0; 12/13
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com