Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S202S12F Datasheet (PDF) - Sharp Corporation

S202S12F Datasheet PDF - Sharp Corporation
Part # S202S12F
Download  S202S12F Download
File Size   250.14 Kbytes
Page   13 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description IT(rms)??A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR

S202S12F Datasheet (PDF)

Go To PDF Page Download Datasheet
S202S12F Datasheet PDF - Sharp Corporation

Part # S202S12F
Download  S202S12F Click to download

File Size   250.14 Kbytes
Page   13 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description IT(rms)??A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR

S202S12F Datasheet (HTML) - Sharp Corporation


S202S12F Product details

■ Description

S102S12 Series and S202S12 Series Solid State Relays (SSR) are an integration of an infrared emitting diode (IRED), a Phototriac Detector and a main output Triac. These devices are ideally suited for controlling high voltage AC loads with solid state reliability while providing 4.0kV isolation (Viso(rms)) from input to output.



■Features

1. Output current, IT(rms)≤8.0A

2. Zero crossing functionary (VOX: MAX. 35V)

3. 4 pin SIP package

4. High repetitive peak off-state voltage

   (VDRM: 600V, S202S12 Series)

   (VDRM: 400V, S102S12 Series)

5. Built-in snubber circuit

6. High isolation voltage between input and output (Viso(rms) : 4.0kV)

7. Lead-free terminal components are also available (see Model Line-up section in this datasheet)

8. Screw hole for heat sink



■Applications

1. Isolated interface between high voltage AC devices and lower voltage DC control circuitry.

2. Switching motors, fans, heaters, solenoids, and valves.

3. Power control in applications such as lighting and temperature control equipment.




Similar Part No. - S202S12F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202S12 SHARP-S202S12 Datasheet
58Kb / 4P
SIP Type SSR with Snubber Circuit and Mouning Capability for External Heat Sink
More results


Similar Description - S202S12F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
S202TY2 SHARP-S202TY2 Datasheet
245Kb / 13P
IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S102S02F SHARP-S102S02F Datasheet
239Kb / 13P
IT(rms)??A, Non-Zero Cross type SIP 4pin Triac output SSR
S202S11F SHARP-S202S11F Datasheet
249Kb / 13P
Built-in snubber circuit Non-Zero Cross type SIP 4pin Triac output SSR
S208T01F SHARP-S208T01F Datasheet
245Kb / 13P
IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S208T02F SHARP-S208T02F Datasheet
245Kb / 13P
IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com