Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9C102PI Datasheet (PDF) - Intersil Corporation

X9C102PI Datasheet PDF - Intersil Corporation
Part # X9C102PI
Download  X9C102PI Download
File Size   240.71 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wiper Position Stored in Non-volatile Memory and Recalled on Power-up

X9C102PI Datasheet (PDF)

Go To PDF Page Download Datasheet
X9C102PI Datasheet PDF - Intersil Corporation

Part # X9C102PI
Download  X9C102PI Click to download

File Size   240.71 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wiper Position Stored in Non-volatile Memory and Recalled on Power-up

X9C102PI Datasheet (HTML) - Intersil Corporation


X9C102PI Product details

The X9C102, X9C103, X9C104, X9C503 are Intersils’ digitally controlled (XDCP) potentiometers. The device consists of a resistor array, wiper switches, a control section, and non-volatile memory. The wiper position is controlled by a three-wire interface.



Features

• Solid-State Potentiometer

• Three-Wire Serial Interface

• 100 Wiper Tap Points

    - Wiper Position Stored in Non-volatile Memory and Recalled on Power-up

• 99 Resistive Elements

    - Temperature Compensated

    - End-to-End Resistance, ±20%

    - Terminal Voltages, ±5V

• Low Power CMOS

    - VCC = 5V

    - Active Current, 3mA max.

    - Standby Current, 750µA max.

• High Reliability

- Endurance, 100,000 Data Changes per Bit

- Register Data Retention, 100 years

• X9C102 = 1kΩ

• X9C103 = 10kΩ

• X9C503 = 50kΩ

• X9C104 = 100kΩ

• Packages

- 8 Ld SOIC

- 8 Ld PDIP

• Pb-Free Available (RoHS Compliant)




Similar Part No. - X9C102PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C102PI XICOR-X9C102PI Datasheet
83Kb / 15P
E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C102PI INTERSIL-X9C102PI Datasheet
248Kb / 11P
Digitally Controlled Potentiometer
December 20, 2006
X9C102PI INTERSIL-X9C102PI Datasheet
240Kb / 10P
Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
July 20, 2009
X9C102PI INTERSIL-X9C102PI Datasheet
240Kb / 10P
Digitally Controlled Potentiometer (XDCP??
July 20, 2009
X9C102PI INTERSIL-X9C102PI Datasheet
237Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
More results


Similar Description - X9C102PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Intersil Corporation
X9C103SIZT1 INTERSIL-X9C103SIZT1 Datasheet
240Kb / 10P
Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
July 20, 2009
logo
ATMEL Corporation
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
Data and Non-volatile Program Memory
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
Data and non-volatile program memory
logo
Maxim Integrated Produc...
MAX5432EVKIT MAXIM-MAX5432EVKIT Datasheet
256Kb / 13P
Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 2/08
MAX5422EVKIT MAXIM-MAX5422EVKIT Datasheet
229Kb / 13P
Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/08
MAX5417LEVCMODU MAXIM-MAX5417LEVCMODU Datasheet
158Kb / 9P
Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/05
MAX5477EVKIT MAXIM-MAX5477EVKIT Datasheet
449Kb / 10P
Power-On Recall of Wiper Position from Nonvolatile Memory
2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com