Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9511WSZ Datasheet (PDF) - Intersil Corporation

X9511WSZ Datasheet PDF - Intersil Corporation
Part # X9511WSZ
Download  X9511WSZ Download
File Size   201.61 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming

X9511WSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
X9511WSZ Datasheet PDF - Intersil Corporation

Part # X9511WSZ
Download  X9511WSZ Click to download

File Size   201.61 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming

X9511WSZ Datasheet (HTML) - Intersil Corporation


X9511WSZ Product details

DESCRIPTION

The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resistance trimming.

The X9511 is a resistor array composed of 31 resistive elements. Between each element and at either end are tap points accessible to the wiper element. The position of the wiper element is controlled by the PU and PD inputs. The position of the wiper can be automatically stored in E2 memory and then be recalled upon a subsequent power-on operation.

The resolution of the X9511 is equal to the maximum resistance value divided by 31. As an example, for the X9511W (10kΩ) each tap point represents 323Ω.

All Intersil nonvolatile products are designed and tested for applications requiring extended endurance and data retention.



Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V



FEATURES

• Push button controlled

• Low power CMOS

   —Active current, 3mA max

   —Standby current, 100µA typical

• 31 resistive elements

   —Temperature compensated

   —±20% end to end resistance range

   —-5V to +5V range

• 32 wiper tap points

   —Wiper positioned via two push button inputs

   —Slow and fast scan modes

   —AUTOSTORE® option

   —Manual store option

   —Wiper position stored in nonvolatile memory and recalled on power-up

• 100 year wiper position data retention

• X9511W = 10kΩ

• Packages

   —8 Ld PDIP

   —8 Ld SOIC

• Pb-free plus anneal available (RoHS compliant)



 




Similar Part No. - X9511WSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511WSZ INTERSIL-X9511WSZ Datasheet
213Kb / 9P
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
September 6, 2005
X9511WSZ INTERSIL-X9511WSZ Datasheet
195Kb / 9P
Single Push Button Controlled Potentiometer (
February 2, 2007
X9511WSZ INTERSIL-X9511WSZ Datasheet
198Kb / 9P
Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
X9511WSZ RENESAS-X9511WSZ Datasheet
456Kb / 9P
Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results


Similar Description - X9511WSZ

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
PushPot O Potentiometer (Push Button Controlled)
X9514 XICOR-X9514 Datasheet
56Kb / 11P
PushPot??Potentiometer (Push Button Controlled)
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
September 6, 2005
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
Single Push Button Controlled Potentiometer (
February 2, 2007
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
July 16, 2009
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
Single Push Button Controlled Potentiometer XDCP
March 24, 2008
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
Single Push Button Controlled Potentiometer
January 21, 2008
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com