Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1200 Datasheet (PDF) - Vishay Siliconix

SF1200 Datasheet PDF - Vishay Siliconix
Part # SF1200
Download  SF1200 Download
File Size   119.36 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Avalanche Sinterglass Diode

SF1200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1200 Datasheet PDF - Vishay Siliconix

Part # SF1200
Download  SF1200 Click to download

File Size   119.36 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Avalanche Sinterglass Diode

SF1200 Datasheet (HTML) - Vishay Siliconix


SF1200 Product details

Ultrafast Avalanche Sinterglass Diode



FEATURES

• Very low switching losses

• Glass passivated

• High reverse voltage

• Hermetically sealed axial-leaded glass envelope

• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912



APPLICATIONS

• Switched mode power supplies

• High-frequency inverter circuits




Similar Part No. - SF1200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF1200 VISHAY-SF1200 Datasheet
37Kb / 3P
Super Fast Rectifiers
24-Jun-98
SF1200 VISHAY-SF1200 Datasheet
115Kb / 5P
Ultra Fast Avalanche Sinterglass Diode
14-Apr-05
SF1200 VISHAY-SF1200 Datasheet
344Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
04-Aug-10
SF1200 VISHAY-SF1200 Datasheet
137Kb / 4P
Ultrafast Avalanche Sinterglass Diode
21-Feb-18
logo
ML Accessories Limited....
SF1200AT KNIGHTSBRIDGE-SF1200AT Datasheet
188Kb / 1P
TERMINAL CAPACITY 2 x 1.0mm² or 2 x 1.5mm²
28/03/2024
More results


Similar Description - SF1200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF1600-TAP VISHAY-SF1600-TAP Datasheet
119Kb / 4P
Ultrafast Avalanche Sinterglass Diode
11-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
04-Sep-12
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
Fast Avalanche Sinterglass Diode
04-Sep-12
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
SF1200 VISHAY-SF1200_15 Datasheet
120Kb / 5P
Ultrafast Avalanche Sinterglass Diode
11-Sep-12
SF1200 VISHAY-SF1200_V01 Datasheet
137Kb / 4P
Ultrafast Avalanche Sinterglass Diode
21-Feb-18
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
Fast Avalanche Sinterglass Diode
20-Feb-18
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
Standard Avalanche Sinterglass Diode
20-Feb-18
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
Standard Avalanche Sinterglass Diode
20-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com