Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5272CVM66 Datasheet (PDF) - Freescale Semiconductor, Inc

MCF5272CVM66 Datasheet PDF - Freescale Semiconductor, Inc
Part # MCF5272CVM66
Download  MCF5272CVM66 Download
File Size   6332.58 Kbytes
Page   544 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MCF5272 ColdFire짰 Integrated Microprocessor

MCF5272CVM66 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCF5272CVM66 Datasheet PDF - Freescale Semiconductor, Inc

Part # MCF5272CVM66
Download  MCF5272CVM66 Click to download

File Size   6332.58 Kbytes
Page   544 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MCF5272 ColdFire짰 Integrated Microprocessor

MCF5272CVM66 Datasheet (HTML) - Freescale Semiconductor, Inc


MCF5272CVM66 Product details

Overview
This chapter provides an overview of the MCF5272 microprocessor features, including the major functional components.

MCF5272 Key Features
A block diagram of the MCF5272 is shown in Figure 1-1. The main features are as follows:
• Static Version 2 ColdFire variable-length RISC processor
   — 32-bit address and data path on-chip
   — 66-MHz processor core and bus frequency
   — Sixteen general-purpose 32-bit data and address registers
   — Multiply-accumulate unit (MAC) for DSP and fast multiply operations
• On-chip memories
   — 4-Kbyte SRAM on CPU internal bus
   — 16-Kbyte ROM on CPU internal bus
   — 1-Kbyte instruction cache
• Power management
   — Fully-static operation with processor sleep and whole-chip stop modes
   — Very rapid response to interrupts from the low-power sleep mode (wake-up feature)
   — Clock enable/disable for each peripheral when not used
   — Software-controlled disable of external clock input for virtually zero power consumption (low-power stop mode)
• Two universal asynchronous/synchronous receiver transmitters (UARTs)
   — Full-duplex operation
   — Based on MC68681 dual-UART (DUART) programming model
   — Flexible baud rate generator
   — Modem control signals available (CTS and RTS)
   — Processor interrupt and wakeup capability
   — Enhanced Tx, Rx FIFOs, 24 bytes each
• Ethernet Module
   — 10 baseT capability, half or full duplex
   — 100 baseT capability, half duplex and limited throughput full duplex (MCF5272)
   — On-chip transmit and receive FIFOs
   — Off-chip flexible buffer descriptor rings
   — Media-independent interface (MII)
• Universal serial bus (USB) module
   — 12 Mbps (full speed)
   — Fully compatible with USB 1.1 specifications
   — Eight endpoints (control, bulk, interrupt Rx, isochronous)
   — Endpoint FIFOs
   — Selectable on-chip analog interface
• External memory interface
   — External glueless 8, 16, and 32-bit SRAM and ROM interface bus
   — SDRAM controller supports 16–256 Mbit devices
   — External bus configurable for 16 or 32 bits width for SDRAM
   — Glueless interface to SRAM devices with or without byte strobe inputs
   — Programmable wait state generator
• Queued serial peripheral interface (QSPI)
   — Full-duplex, three-wire synchronous transfer
   — Up to four chip selects available
   — Master operation
   — Programmable master bit rates
   — Up to 16 preprogrammed transfers
• Timer module
   — 4x16-bit general-purpose multi-mode timer
      – Input capture and output compare pins for timers 1 and 2
      – Programmable prescaler
   — 15-nS resolution at 66-MHz clock frequency
   — Software watchdog timer
   — Software watchdog can generate interrupt before reset
   — Processor interrupt for each timer
• Pulse-width modulation (PWM) unit
   — Three identical channels
   — Independent prescaler TAP point
   — Period/duty range variable
• System integration module (SIM)
   — System configuration including internal and external address mapping
   — System protection by hardware watchdog
   — Versatile programmable chip-select signals with wait-state generation logic
   — Up to three 16-bit parallel input/output ports
   — Latchable interrupt inputs with programmable priority and edge triggering
   — Programmable interrupt vectors for on-chip peripherals
• Physical layer interface controller (PLIC)
   — Allows connection using general circuit interface (GCI) or interchip digital link (IDL) physical layer protocols for 2B + D data
   — Three physical interfaces
   — Four time-division multiplex (TDM) ports
• IEEE 1149.1 boundary-scan test access port (JTAG) for board-level testing
• Operating voltage: 3.3 V ±0.3 V
• Operating temperature: 0 –70°C
• Operating frequency: DC to 66 MHz, from external CMOS oscillator
• Compact ultra low-profile 196 ball-molded plastic ball-grid array package (PGBA)




Similar Part No. - MCF5272CVM66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5272CVF66 FREESCALE-MCF5272CVF66 Datasheet
331Kb / 12P
MCF5272 Integrated Microprocessor Product Brief
More results


Similar Description - MCF5272CVM66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCF5272 MOTOROLA-MCF5272 Datasheet
6Mb / 550P
MCF5272 ColdFire Integrated Microprocessor Users Manual
logo
Freescale Semiconductor...
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
ColdFire짰 Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
ColdFire짰 Microprocessor
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
ColdFire짰 Microprocessor
MCF54455 FREESCALE-MCF54455_08 Datasheet
936Kb / 48P
ColdFire짰 Microprocessor
MCF5272CVF66 FREESCALE-MCF5272CVF66 Datasheet
331Kb / 12P
MCF5272 Integrated Microprocessor Product Brief
MCF5272 FREESCALE-MCF5272 Datasheet
6Mb / 544P
ColdFire짰 Integrated Microprocessor
MCF5272VF66J FREESCALE-MCF5272VF66J Datasheet
6Mb / 544P
MCF5272 ColdFire짰 Integrated Microprocessor
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com