Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SC4 Datasheet (PDF) - Freescale Semiconductor, Inc

MC9S08SC4 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC9S08SC4
Download  MC9S08SC4 Download
File Size   638.21 Kbytes
Page   31 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MC9S08SC4 8-Bit Microcontroller Data Sheet

MC9S08SC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S08SC4 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC9S08SC4
Download  MC9S08SC4 Click to download

File Size   638.21 Kbytes
Page   31 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MC9S08SC4 8-Bit Microcontroller Data Sheet

MC9S08SC4 Datasheet (HTML) - Freescale Semiconductor, Inc


MC9S08SC4 Product details

8-Bit HCS08 Central Processor Unit (CPU)
• Up to 40 MHz HCS08 CPU (central processor unit); up to 20 MHz bus frequency
• HC08 instruction set with added BGND instruction

On-Chip Memory
• 4 KB of FLASH with read/program/erase over full operating voltage and temperature
• 256 bytes of Random-access memory (RAM)

Power-Saving Modes
• Two very low power stop modes
• Reduced power wait mode

Clock Source Options
• Oscillator (XOSC) — Loop-control Pierce oscillator; Crystal or ceramic resonator range of 32 kHz to 38.4 kHz or 1 MHz to 16 MHz
• Internal Clock Source (ICS) — Internal clock source module containing a frequency-locked loop (FLL) controlled by internal or external reference; precision trimming of internal reference allows 0.2 % resolution and 2.0 % deviation over temperature and voltage; supports bus frequencies from 2 MHz to 20 MHz.

System Protection
• Watchdog computer operating properly (COP) reset with option to run from dedicated 1 kHz internal clock source or bus clock
• Low-voltage detection with reset or interrupt; selectable trip points
• Illegal opcode detection with reset
• Illegal address detection with reset
• FLASH block protect
• Reset on loss of clock

Development Support
• Single-wire background debug interface
• Breakpoint capability to allow single breakpoint setting during in-circuit debugging

Peripherals
• SCI — Serial Communication Interface
   — Full-duplex non-return to zero (NRZ)
   — LIN master extended break generation
   — LIN slave extended break detection
   — Wake-up on active edge
• TPMx — Two 2-channel Timer/PWM modules (TPM1 and TPM2)
   — 16-bit modulus or up/down counters
   — Input capture, output compare, buffered edge-aligned or center-aligned PWM
• ADC — Analog to Digital Converter
   — 8-channel, 10-bit resolution
   — 2.5 μs conversion time
   — Automatic compare function
   — Temperature sensor
   — Internal bandgap reference channel

Input/Output
• 12 general purpose I/O pins (GPIOs)
• 8 interrupt pins with selectable polarity
• Hysteresis and configurable pull-up device on all input pins; Configurable slew rate and drive strength on all output pins.

Package Options
• 16-TSSOP

Operating Parameters
• 4.5-5.5 V operation
• C,V, M temperature ranges available, covering -40 - 125 °C operation




Similar Part No. - MC9S08SC4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08SC4 NXP-MC9S08SC4 Datasheet
746Kb / 31P
MC9S08SC4 8-Bit Microcontroller Data Sheet
Rev. 4, 6/2010
More results


Similar Description - MC9S08SC4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTK8607 ETC-PTK8607 Datasheet
361Kb / 25P
8 Bit Micro-controller Data Sheet
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MC9S08AC128 FREESCALE-MC9S08AC128_09 Datasheet
1Mb / 40P
MC9S08AC128 8-Bit Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MC9S08SC4 NXP-MC9S08SC4 Datasheet
746Kb / 31P
MC9S08SC4 8-Bit Microcontroller Data Sheet
Rev. 4, 6/2010
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com