Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0G Datasheet (PDF) - Murata Manufacturing Co., Ltd.

C0G Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # C0G
Download  C0G Download
File Size   4776.5 Kbytes
Page   237 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less

C0G Datasheet (PDF)

Go To PDF Page Download Datasheet
C0G Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # C0G
Download  C0G Click to download

File Size   4776.5 Kbytes
Page   237 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less

C0G Datasheet (HTML) - Murata Manufacturing Co., Ltd.




Similar Part No. - C0G

ManufacturerPart #DatasheetDescription
logo
EPCOS
C0G EPCOS-C0G Datasheet
235Kb / 21P
Multilayer Ceramic Capacitors
logo
AVX Corporation
C0G AVX-C0G Datasheet
624Kb / 4P
C0G (NP0) Dielectric
logo
Multicomp Pro
C0G MULTICOMP-C0G Datasheet
204Kb / 3P
Radial Leaded, Multilayer Ceramic Capacitors
13/04/20 V1.0
logo
Kyocera Kinseki Corpota...
C0GNP0-KGM KSS-C0GNP0-KGM Datasheet
781Kb / 4P
C0G (NP0) Dielectric, KGM Series
More results


Similar Description - C0G

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
C03E MURATA-C03E Datasheet
2Mb / 67P
Explanation of Symbols in This Catalog AEC-Q200 compliant product
GCM155R72A222KA37D MURATA-GCM155R72A222KA37D Datasheet
2Mb / 67P
Explanation of Symbols in This Catalog
logo
EHAOAN.
EH-C191DS5 EHAOAN-EH-C191DS5 Datasheet
1Mb / 7P
·Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191KRKT EHAOAN-EH-C191KRKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191PBKT EHAOAN-EH-C191PBKT Datasheet
1Mb / 10P
·Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191TBKT-5A EHAOAN-EH-C191TBKT-5A Datasheet
1Mb / 7P
Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191UBKT EHAOAN-EH-C191UBKT Datasheet
1Mb / 8P
Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-S270KRKT EHAOAN-EH-S270KRKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 1.7 x 0.6 x 1.1 mm
EH-C191KRTGKS EHAOAN-EH-C191KRTGKS Datasheet
1Mb / 8P
Dimension( L/W/H) : 1.6 x 1.5 x 0.6 mm
EH-C191TBHRPG EHAOAN-EH-C191TBHRPG Datasheet
1Mb / 8P
Dimension( L/W/H) : 1.6 x 1.5 x 0.6 mm
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com