Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5R Datasheet (PDF) - Murata Manufacturing Co., Ltd.

X5R Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # X5R
Download  X5R Download
File Size   4776.5 Kbytes
Page   237 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less

X5R Datasheet (PDF)

Go To PDF Page Download Datasheet
X5R Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # X5R
Download  X5R Click to download

File Size   4776.5 Kbytes
Page   237 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less

X5R Datasheet (HTML) - Murata Manufacturing Co., Ltd.




Similar Part No. - X5R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
X5R AVX-X5R Datasheet
787Kb / 4P
General Specifications
logo
WALSIN TECHNOLOGY CORPO...
X5R WALSIN-X5R Datasheet
5Mb / 22P
MULTILAYER CERAMIC CAPACITORS
Apr. 2021
logo
AVX Corporation
X5R AVX-X5R Datasheet
449Kb / 4P
X5R Dielectric
042418
logo
YAGEO Corporation
X5R YAGEO-X5R Datasheet
1Mb / 21P
Surface Mount Multilayer Ceramic Capacitors
Dec. 06, 2022 V.30
logo
List of Unclassifed Man...
X5R0402 ETC1-X5R0402 Datasheet
133Kb / 7P
ceramic chip capacitors
More results


Similar Description - X5R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
C03E MURATA-C03E Datasheet
2Mb / 67P
Explanation of Symbols in This Catalog AEC-Q200 compliant product
GCM155R72A222KA37D MURATA-GCM155R72A222KA37D Datasheet
2Mb / 67P
Explanation of Symbols in This Catalog
logo
EHAOAN.
EH-C191DS5 EHAOAN-EH-C191DS5 Datasheet
1Mb / 7P
·Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191KRKT EHAOAN-EH-C191KRKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191PBKT EHAOAN-EH-C191PBKT Datasheet
1Mb / 10P
·Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191TBKT-5A EHAOAN-EH-C191TBKT-5A Datasheet
1Mb / 7P
Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191UBKT EHAOAN-EH-C191UBKT Datasheet
1Mb / 8P
Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-S270KRKT EHAOAN-EH-S270KRKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 1.7 x 0.6 x 1.1 mm
EH-C191KRTGKS EHAOAN-EH-C191KRTGKS Datasheet
1Mb / 8P
Dimension( L/W/H) : 1.6 x 1.5 x 0.6 mm
EH-C191TBHRPG EHAOAN-EH-C191TBHRPG Datasheet
1Mb / 8P
Dimension( L/W/H) : 1.6 x 1.5 x 0.6 mm
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com