Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA16ARLG Datasheet (PDF) - ON Semiconductor

SA16ARLG Datasheet PDF - ON Semiconductor
Part # SA16ARLG
Download  SA16ARLG Download
File Size   122.21 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors

SA16ARLG Datasheet (PDF)

Go To PDF Page Download Datasheet
SA16ARLG Datasheet PDF - ON Semiconductor

Part # SA16ARLG
Download  SA16ARLG Click to download

File Size   122.21 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors

SA16ARLG Datasheet (HTML) - ON Semiconductor


SA16ARLG Product details

The SA5.0A series is designed to protect voltage sensitive components from high voltage, high energy transients. They have excellent clamping capability, high surge capability, low zener impedance and fast response time. The SA5.0A series is supplied in ON Semiconductor’s exclusive, cost-effective, highly reliable Surmetic axial leaded package and is ideally-suited for use in communication systems, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications.

Features
• Working Peak Reverse Voltage Range − 5.0 to 170 V
• Peak Power − 500 Watts @ 1.0 ms
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• Maximum Clamp Voltage @ Peak Pulse Current
• Low Leakage < 1μA above 8.5 V
• UL 497B for Isolated Loop Circuit Protection
• Maximum Temperature Coefficient Specified
• Response Time is typically < 1.0 ns
• Pb−Free Packages are Available*




Similar Part No. - SA16ARLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA16ARLG ONSEMI-SA16ARLG Datasheet
117Kb / 5P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
More results


Similar Description - SA16ARLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA5-0A ONSEMI-SA5-0A Datasheet
50Kb / 8P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
June, 2002 ??Rev. 7
SA50A ONSEMI-SA50A Datasheet
58Kb / 6P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
May, 2006 ??Rev. 11
logo
UNIOHM CORPORATION
SA5.0 UNIOHM-SA5.0 Datasheet
91Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SA5.0A ONSEMI-SA5.0A Datasheet
117Kb / 5P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
117Kb / 5P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA50ARLG ONSEMI-SA50ARLG Datasheet
117Kb / 5P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA15ARLG ONSEMI-SA15ARLG Datasheet
100Kb / 5P
500 Watt Peak Power MiniMOSORB Zener
October, 2009 ??Rev. 13
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
logo
Littelfuse
NS6A5.0AFT3G LITTELFUSE-NS6A5.0AFT3G Datasheet
229Kb / 5P
500 Watt Peak Power Zener Transient Voltage Suppressors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com