Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR850 Datasheet (PDF) - Motorola, Inc

MR850 Datasheet PDF - Motorola, Inc
Part # MR850
Download  MR850 Download
File Size   45.37 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description FAST RECOVERY POWER RECTIFIERS 50.600 VOLTS 3.0 AMPERES

MR850 Datasheet (PDF)

Go To PDF Page Download Datasheet
MR850 Datasheet PDF - Motorola, Inc

Part # MR850
Download  MR850 Click to download

File Size   45.37 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description FAST RECOVERY POWER RECTIFIERS 50.600 VOLTS 3.0 AMPERES

MR850 Datasheet (HTML) - Motorola, Inc


MR850 Product details

Axial Lead Mounted Fast Recovery Power Rectifiers

Axial lead mounted fast recovery power rectifiers are designed for special applications such as dc power supplies, inverters, converters, ultrasonic systems, choppers, low RF interference and free wheeling diodes. A complete line of fast recovery rectifiers having typical recovery time of 100 nanoseconds providing high efficiency at frequencies to 250 kHz.

Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 1.1 gram (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes: 220°C Max. for 10 Seconds, 1/16″ from case
• Shipped in plastic bags, 5,000 per bag.
• Available Tape and Reeled, 1500 per reel, by adding a “RL” suffix to the part number
• Polarity: Cathode Indicated by Polarity Band
• Marking: R850, R851, R852, R854, R856




Similar Part No. - MR850

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MR850 PANJIT-MR850 Datasheet
53Kb / 2P
SOFT RECOVERU, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
MR850 TRSYS-MR850 Datasheet
134Kb / 2P
SOFT RECOVERU, FAST SWITCHING PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
MR850 JGD-MR850 Datasheet
138Kb / 2P
3.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Bytes
MR850 BYTES-MR850 Datasheet
153Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Similar Description - MR850

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURS320T3 MOTOROLA-MURS320T3 Datasheet
107Kb / 4P
ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS
logo
Pan Jit International I...
ER300 PANJIT-ER300 Datasheet
66Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
ED302T PANJIT-ED302T_03 Datasheet
44Kb / 2P
SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 3.0 Amperes
ED302YT PANJIT-ED302YT_03 Datasheet
44Kb / 2P
SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 3.0 Amperes
logo
GOOD-ARK Electronics
MR850 GOOD-ARK-MR850 Datasheet
154Kb / 2P
Fast Recovery Rectifiers Reverse Voltage 50 to 800 Volts Forward Current 3.0 Amperes
logo
ON Semiconductor
MBRS360BT3G ONSEMI-MBRS360BT3G Datasheet
141Kb / 7P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES, 60 VOLTS
February, 2012 ??Rev. 8
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB_15 Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
GR3A GOOD-ARK-GR3A_15 Datasheet
178Kb / 2P
Fast Recovery Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Thinki Semiconductor Co...
MURF880G THINKISEMI-MURF880G Datasheet
554Kb / 3P
8.0 Amperes,800 Volts Insulated Package Ultra Fast Recovery Rectifiers
MURF880G THINKISEMI-MURF880G_17 Datasheet
554Kb / 3P
8.0 Amperes,800 Volts Insulated Package Ultra Fast Recovery Rectifiers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com