Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBD4448W Datasheet (PDF) - First Components International

MBD4448W Datasheet PDF - First Components International
Part # MBD4448W
Download  MBD4448W Download
File Size   301.42 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 200mW Surface Mount Switching Diode Collector current 250 mA

MBD4448W Datasheet (PDF)

Go To PDF Page Download Datasheet
MBD4448W Datasheet PDF - First Components International

Part # MBD4448W
Download  MBD4448W Click to download

File Size   301.42 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 200mW Surface Mount Switching Diode Collector current 250 mA

MBD4448W Datasheet (HTML) - First Components International


MBD4448W Product details

SWITCHING DIODE

FEATURES
   Power dissipation
      PD: 200 mW (Tamb=25℃)
   Collector current
      IO: 250 mA
   Collector-base voltage
      VR: 75 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - MBD4448W

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBD4448HADW TSC-MBD4448HADW Datasheet
199Kb / 2P
Switching Diode Small Signal Diode Fast switching speed
MBD4448HADW TSC-MBD4448HADW Datasheet
658Kb / 4P
Switching Diode
MBD4448HAQW TSC-MBD4448HAQW Datasheet
199Kb / 2P
Switching Diode Small Signal Diode Fast switching speed
MBD4448HAQW TSC-MBD4448HAQW Datasheet
658Kb / 4P
Switching Diode
MBD4448HAQWRFG TSC-MBD4448HAQWRFG Datasheet
658Kb / 4P
Switching Diode
More results


Similar Description - MBD4448W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Micro Commercial Compon...
MMBD4448WT MCC-MMBD4448WT Datasheet
439Kb / 4P
Surface Mount Switching Diode 200mW
logo
Taiwan Semiconductor Co...
1SS355 TSC-1SS355 Datasheet
133Kb / 1P
200mW Surface Mount High speed Switching Diode
logo
Micro Commercial Compon...
MMBD4448WT MCC-MMBD4448WT_11 Datasheet
185Kb / 4P
Surface Mount Switching Diode 200mW
logo
Tak Cheong Electronics ...
TC1N4148WT TAK_CHEONG-TC1N4148WT_11 Datasheet
187Kb / 5P
200mW SOD-523 SURFACE MOUNT Fast Switching Diode
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
200mW,Surface Mount Zener Diode
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
MBD4148W FCI-MBD4148W Datasheet
205Kb / 1P
200mW Surface Mount Zener Diode SWITCHING DIODE Collector current 150 mA
logo
Diodes Incorporated
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
Rev 15
logo
Micro Commercial Compon...
MMBD4448WT MCC-MMBD4448WT_13 Datasheet
211Kb / 4P
Switching Diode 200mW Surface Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com