Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1325H Datasheet (PDF) - Cypress Semiconductor

CY7C1325H Datasheet PDF - Cypress Semiconductor
Part # CY7C1325H
Download  CY7C1325H Download
File Size   731.71 Kbytes
Page   21 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (256 K 횞 18) Flow-Through Sync SRAM

CY7C1325H Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1325H Datasheet PDF - Cypress Semiconductor

Part # CY7C1325H
Download  CY7C1325H Click to download

File Size   731.71 Kbytes
Page   21 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (256 K 횞 18) Flow-Through Sync SRAM

CY7C1325H Datasheet (HTML) - Cypress Semiconductor


CY7C1325H Product details

Functional Description
The CY7C1325H is a 256 K × 18 synchronous cache RAM designed to interface with high speed microprocessors with minimum glue logic. Maximum access delay from clock rise is 6.5 ns (133 MHz version). A 2 bit on-chip counter captures the first address in a burst and increments the address automatically for the rest of the burst access.

Features
■ 256 K × 18 common I/O
■ 3.3 V core power supply (VDD)
■ 2.5 V or 3.3 V I/O power supply (VDDQ)
■ Fast clock-to-output times
■ 6.5 ns (133 MHz version)
■ Provide high performance 2-1-1-1 access rate
■ User selectable burst counter supporting Intel Pentium interleaved or linear burst sequences
■ Separate processor and controller address strobes
■ Synchronous self timed write
■ Asynchronous output enable
■ Available in Pb-free 100-pin TQFP package
■ “ZZ” sleep mode option




Similar Part No. - CY7C1325H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-100AC CYPRESS-CY7C1325-100AC Datasheet
270Kb / 16P
256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-117AC CYPRESS-CY7C1325-117AC Datasheet
270Kb / 16P
256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-50AC CYPRESS-CY7C1325-50AC Datasheet
270Kb / 16P
256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-80AC CYPRESS-CY7C1325-80AC Datasheet
270Kb / 16P
256K x 18 Synchronous 3.3V Cache RAM
More results


Similar Description - CY7C1325H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325G CYPRESS-CY7C1325G_11 Datasheet
805Kb / 21P
4-Mbit (256 K x 18) Flow through Sync SRAM Synchronous self timed write
CY7C1325G CYPRESS-CY7C1325G_12 Datasheet
753Kb / 22P
4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_12 Datasheet
762Kb / 22P
4-Mbit (256 K 횞 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_12 Datasheet
584Kb / 22P
4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_12 Datasheet
593Kb / 21P
4-Mbit (128 K 횞 32) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1353G CYPRESS-CY7C1353G_12 Datasheet
535Kb / 18P
4-Mbit (256 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_13 Datasheet
769Kb / 23P
4-Mbit (256 K x 18) Flow-Through Sync SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com