Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232ECA-L Datasheet (PDF) - Exar Corporation

SP3232ECA-L Datasheet PDF - Exar Corporation
Part # SP3232ECA-L
Download  SP3232ECA-L Download
File Size   1381.9 Kbytes
Page   23 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description True 3.0V to 5.5V RS-232 Transceivers

SP3232ECA-L Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3232ECA-L Datasheet PDF - Exar Corporation

Part # SP3232ECA-L
Download  SP3232ECA-L Click to download

File Size   1381.9 Kbytes
Page   23 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description True 3.0V to 5.5V RS-232 Transceivers

SP3232ECA-L Datasheet (HTML) - Exar Corporation


SP3232ECA-L Product details

DESCRIPTION
The SP3222E/SP3232Eseries is an RS-232 transceiver solution intended for portable or hand-held applications such as notebook or palmtop computers. The SP3222E/SP3232E series has a high-efficiency, charge-pump power supply that requires only 0.1µF capacitors in 3.3V operation. This charge pump allows the SP3222E/SP3232Eseries to deliver true RS-232 performance from a single power supply ranging from +3.0V to +5.5V.

FEATURES
■ Meets true EIA/TIA-232-F Standards from a +3.0V to +5.5V power supply
■ Minimum 120kbps Data Rate Under Full Load
■ 1µA Low Power Shutdown with Receivers active (SP3222E)
■ Interoperable with RS-232 down to a +2.7V power source
■ Enhanced ESD Specifications:
    +15kV Human Body Model
    +15kV IEC61000-4-2 Air Discharge
    +8kV IEC61000-4-2 Contact Discharge




Similar Part No. - SP3232ECA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3232ECA-L EXAR-SP3232ECA-L Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECA-L EXAR-SP3232ECA-L Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECA-L-TR EXAR-SP3232ECA-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECA-L/TR EXAR-SP3232ECA-L/TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECA-L/TR EXAR-SP3232ECA-L/TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
More results


Similar Description - SP3232ECA-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEY-L-TR EXAR-SP3222EEY-L-TR Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EUEY-L-TR EXAR-SP3232EUEY-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
ADM3222A UMW-ADM3222A Datasheet
592Kb / 16P
True 3.0V to 5.5V RS-232 Transceivers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com