Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FQA8N80 Datasheet (PDF) - Fairchild Semiconductor

FQA8N80 Datasheet PDF - Fairchild Semiconductor
Part # FQA8N80
Download  FQA8N80 Download
File Size   693.76 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 800V N-Channel MOSFET

FQA8N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQA8N80 Datasheet PDF - Fairchild Semiconductor

Part # FQA8N80
Download  FQA8N80 Click to download

File Size   693.76 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 800V N-Channel MOSFET

FQA8N80 Datasheet (HTML) - Fairchild Semiconductor


FQA8N80 Product details

Description

These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.

This advanced technology hasbeen especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devicesare well suited for high efficient switched mode power supplies, active power factor correction, electronic lamp ballast based on half bridge topology.



Features

• 8.4A, 800V, RDS(on)= 1.2Ω@VGS= 10 V

• Low gate charge ( typical 44 nC)

• Low Crss ( typical 20pF)

•Fast switching

• 100% avalanche tested

• Improved dv/dt capability




Similar Part No. - FQA8N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA8N80 FAIRCHILD-FQA8N80 Datasheet
778Kb / 9P
800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA8N80 ISC-FQA8N80 Datasheet
369Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA8N80C FAIRCHILD-FQA8N80C Datasheet
602Kb / 8P
800V N-Channel MOSFET
FQA8N80C FAIRCHILD-FQA8N80C Datasheet
791Kb / 9P
800V N-Channel MOSFET
FQA8N80C FAIRCHILD-FQA8N80C Datasheet
792Kb / 8P
800V N-Channel MOSFET
More results


Similar Description - FQA8N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
800V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM3N80 KERSEMI-KSM3N80 Datasheet
1Mb / 6P
800V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF8N80 GOOD-ARK-SSF8N80_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF6N80F GOOD-ARK-SSF6N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF3N80F GOOD-ARK-SSF3N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLD80R380SJ MAPLESMI-SLD80R380SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
SLD80R850SJ MAPLESMI-SLD80R850SJ Datasheet
620Kb / 7P
800V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR12N80ANG FOSTER-FIR12N80ANG Datasheet
2Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLH80R500SJ MAPLESMI-SLH80R500SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HM7N80 HMSEMI-HM7N80 Datasheet
333Kb / 8P
800V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com