Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL5232B Datasheet (PDF) - Microdiode Semiconductor (Shenzhen) Co., Ltd

DL5232B Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd
Part # DL5232B
Download  DL5232B Download
File Size   147.37 Kbytes
Page   3 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description ZENER DIODES Voltage: 2.4-56V P e a k Pulse Power: 500mW Glass passivated junction

DL5232B Datasheet (PDF)

Go To PDF Page Download Datasheet
DL5232B Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # DL5232B
Download  DL5232B Click to download

File Size   147.37 Kbytes
Page   3 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description ZENER DIODES Voltage: 2.4-56V P e a k Pulse Power: 500mW Glass passivated junction

DL5232B Datasheet (HTML) - Microdiode Semiconductor (Shenzhen) Co., Ltd


DL5232B Product details

Zener Voltage: 2.4-56V Peak Pulse Power: 500mW



FEATURE

♦ Low zener impedance

♦ Low regulation factor

♦ Glass passivated junction

♦ High temperature soldering guaranteed: 260°C/10S at terminals



 




Similar Part No. - DL5232B

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL5232B DCCOM-DL5232B Datasheet
220Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Micro Commercial Compon...
DL5232B MCC-DL5232B Datasheet
593Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
logo
Multicomp Pro
DL5232B+ MULTICOMP-DL5232B+ Datasheet
275Kb / 2P
Surface Mount Zener Diode
11/09/19 V1.0
logo
Micro Commercial Compon...
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
logo
Shanghai Shunye Electro...
DL5232B/ZMM5232B SHUNYE-DL5232B/ZMM5232B Datasheet
313Kb / 3P
ZENER DIODES
V2.22
More results


Similar Description - DL5232B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Leshan Radio Company
SODZ200A-SH LRC-SODZ200A-SH_15 Datasheet
364Kb / 12P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes
SZAF LRC-SZAF_15 Datasheet
216Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes
SZA LRC-SZA_15 Datasheet
185Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com