Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMA-C265 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSMA-C265 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSMA-C265
Download  HSMA-C265 Download
File Size   188.83 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Performance Chip LEDs

HSMA-C265 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMA-C265 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSMA-C265
Download  HSMA-C265 Click to download

File Size   188.83 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Performance Chip LEDs

HSMA-C265 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HSMA-C265 Product details

Description
These chip type LEDs utilize Aluminium Indium Galium Phosphide (AlInGaP) material technology. The AlInGaP material has a very high luminous efficiency, capable of producing high light output over a wide range of drive currents. The available colors in this surface mount series are 592 nm Amber, 605 nm Orange, 626 nm Red and 639 nm Deep Red.

Features
• High brightness AlInGaP material
• 0805 or 0603 industry standard footprint with 0.4 mm height for top emitting packages
• Also available in right angle emitting and reverse mounting packages
• Diffused optics
• Operating temperature range of –40°C to +85°C
• Compatible with IR soldering
• Available in 4 colors
• Available in 8 mm tape on 7" diameter reel
• Reel sealed in zip locked moisture barrier bags

Applications
• Membrane switch indicator
• LCD backlighting
• Push button backlighting
• Front panel indicator
• Symbol backlighting
• Keypad backlighting
• Microdisplays
• Small message panel signage




Similar Part No. - HSMA-C265

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMA-C265 HP-HSMA-C265 Datasheet
367Kb / 5P
AlInGaP chipLED
More results


Similar Description - HSMA-C265

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-S660 HP-HSMX-S660 Datasheet
205Kb / 11P
High Performance Surface Mount Chip LEDs
logo
Everlight Electronics C...
94-22SUBC EVERLIGHT-94-22SUBC Datasheet
115Kb / 6P
High Performance with Reflector LEDs
94-22UBC EVERLIGHT-94-22UBC Datasheet
98Kb / 6P
High Performance with Reflector LEDs
94-22UYC EVERLIGHT-94-22UYC Datasheet
102Kb / 6P
High Performance with Reflector LEDs
94-22SUGC EVERLIGHT-94-22SUGC Datasheet
99Kb / 6P
High Performance with Reflector LEDs
94-22SURC-S530 EVERLIGHT-94-22SURC-S530 Datasheet
100Kb / 6P
High Performance with Reflector LEDs
94-22UYC-S530 EVERLIGHT-94-22UYC-S530 Datasheet
101Kb / 6P
High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
High Performance with Reflector LEDs
logo
HK TO-GRACE TECHNOLOGY ...
94-22SUB-S400-XX-S2 TO-GRACE-94-22SUB-S400-XX-S2 Datasheet
486Kb / 6P
High Performance with Reflector LEDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com