Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317P Datasheet (PDF) - STMicroelectronics

LM317P Datasheet PDF - STMicroelectronics
Part # LM317P
Download  LM317P Download
File Size   1065.89 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.2 V to 37 V adjustable voltage regulators

LM317P Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317P Datasheet PDF - STMicroelectronics

Part # LM317P
Download  LM317P Click to download

File Size   1065.89 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.2 V to 37 V adjustable voltage regulators

LM317P Datasheet (HTML) - STMicroelectronics


LM317P Product details

The LM217, LM317 are monolithic integrated circuits in TO-220, TO-220FP and D²PAK
packages intended for use as positive adjustable voltage regulators. They are designed to supply more than 1.5 A of load current with an output voltage adjustable over a 1.2 to 37 V range. The nominal output voltage is selected by means of a resistive divider, making the device exceptionally easy to use and eliminating the stocking of many fixed regulators.

1. Output voltage range: 1.2 to 37 V
2. Output current in excess of 1.5 A
3. 0.1 % line and load regulation
4. Floating operation for high voltages
5. Complete series of protections: current limiting, thermal shutdown and SOA control




Similar Part No. - LM317P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM317P STMICROELECTRONICS-LM317P Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
LM317P STMICROELECTRONICS-LM317P Datasheet
1,023Kb / 25P
1.2 V to 37 V adjustable voltage regulators
06-Feb-2008
LM317P STMICROELECTRONICS-LM317P Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
13-Feb-2012
LM317P STMICROELECTRONICS-LM317P Datasheet
1Mb / 34P
1.2 V to 37 V adjustable voltage regulators
23-Dec-2021
More results


Similar Description - LM317P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM663A AD-ADM663A Datasheet
331Kb / 9P
Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV.0
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117_08 Datasheet
1,023Kb / 25P
1.2 V to 37 V adjustable voltage regulators
06-Feb-2008
LM117 STMICROELECTRONICS-LM117_10 Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
02-Mar-2010
LM217M STMICROELECTRONICS-LM217M_08 Datasheet
766Kb / 21P
Medium current 1.2 to 37 V adjustable voltage regulator
11-Feb-2008
LM317K STMICROELECTRONICS-LM317K Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
13-Feb-2012
LM217LZ-TR STMICROELECTRONICS-LM217LZ-TR Datasheet
683Kb / 23P
Low current 1.2 to 37 V adjustable voltage regulators
20-May-2014
logo
Analog Devices
ADM663A AD-ADM663A_15 Datasheet
279Kb / 9P
Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
logo
Micro Commercial Compon...
LM317DT MCC-LM317DT_13 Datasheet
216Kb / 2P
Adjustable Voltage Regulators
logo
STMicroelectronics
LM217 STMICROELECTRONICS-LM217 Datasheet
1Mb / 34P
1.2 V to 37 V adjustable voltage regulators
23-Dec-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com