Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3310R-005 Datasheet (PDF) - Bourns Electronic Solutions

3310R-005 Datasheet PDF - Bourns Electronic Solutions
Part # 3310R-005
Download  3310R-005 Download
File Size   279.62 Kbytes
Page   5 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3310 - 9 mm Square Sealed Panel Control

3310R-005 Datasheet (PDF)

Go To PDF Page Download Datasheet
3310R-005 Datasheet PDF - Bourns Electronic Solutions

Part # 3310R-005
Download  3310R-005 Click to download

File Size   279.62 Kbytes
Page   5 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3310 - 9 mm Square Sealed Panel Control

3310R-005 Datasheet (HTML) - Bourns Electronic Solutions


3310R-005 Product details

Features
■ Conductive plastic
■ PC board and bushing mount
■ Plastic bushing and plastic shaft
■ Withstands typical industrial washing processes
■ Compact package saves board and panel space
■ Audio taper versions available as special order
■ RoHS compliant versions available*




Similar Part No. - 3310R-005

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3310R-005-103 BOURNS-3310R-005-103 Datasheet
252Kb / 5P
Square Sealed Panel Control
3310R-005-103L BOURNS-3310R-005-103L Datasheet
252Kb / 5P
Square Sealed Panel Control
More results


Similar Description - 3310R-005

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3310-9 BOURNS-3310-9 Datasheet
252Kb / 5P
Square Sealed Panel Control
3315 BOURNS-3315 Datasheet
268Kb / 5P
9 mm Square Sealed Incremental Encoder
3315 BOURNS-3315_10 Datasheet
201Kb / 5P
3315 - 9 mm Square Sealed Incremental Encoder
53RAA-R25-A15L BOURNS-53RAA-R25-A15L Datasheet
382Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
3310C-001-202L BOURNS-3310C-001-202L Datasheet
279Kb / 5P
3310 - 9 mm Square Sealed Panel Control
3315Y-001-006L BOURNS-3315Y-001-006L_12 Datasheet
347Kb / 5P
3315 - 9 mm Square Sealed Incremental Encoder
3360 BOURNS-3360 Datasheet
162Kb / 2P
6 mm Square Sealed Panel Control
PCW1J-B24 BOURNS-PCW1J-B24 Datasheet
316Kb / 4P
PC - Slimline22 mm Square Single Turn Panel Control
3310C-001-503L BOURNS-3310C-001-503L Datasheet
279Kb / 5P
3310 - 9 mm Square Sealed Panel Control
51AAD-B28-A15 BOURNS-51AAD-B28-A15 Datasheet
365Kb / 3P
Sealed 1/2 (12.5 mm) Square Control
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com