Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4050BCJ Datasheet (PDF) - Rochester Electronics

CD4050BCJ Datasheet PDF - Rochester Electronics
Part # CD4050BCJ
Download  CD4050BCJ Download
File Size   506.3 Kbytes
Page   7 Pages
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics
Description CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer

CD4050BCJ Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4050BCJ Datasheet PDF - Rochester Electronics

Part # CD4050BCJ
Download  CD4050BCJ Click to download

File Size   506.3 Kbytes
Page   7 Pages
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics
Description CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer

CD4050BCJ Datasheet (HTML) - Rochester Electronics


CD4050BCJ Product details

General Description

These hex buffers are monolithic complementary MOS (CMOS) integrated circuits constructed with N- and P-chan nel enhancement mode transistors. These devices feature logic level conversion using only one supply voltage (VDD). The input signal high level (VIH) can exceed the VDD supply voltage when these devices are used for logic level conver sions. These devices are intended for use as hex buffers, CMOS to DTL/TTL converters, or as CMOS current drivers, and at VDD e 5.0V, they can drive directly two DTL/TTL loads over the full operating temperature range.



Features

  Wide supply voltage range 3.0V to 15V

  Direct drive to 2 TTL loads at 5.0V over full temperature range

  High source and sink current capability

  Special input protection permits input voltages greater than VDD



Applications

  CMOS hex inverter/buffer

  CMOS to DTL/TTL hex converter

  CMOS current ‘‘sink’’ or ‘‘source’’ driver

  CMOS high-to-low logic level converter



 




Similar Part No. - CD4050BCJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4050BC NSC-CD4050BC Datasheet
129Kb / 6P
Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4050BC FAIRCHILD-CD4050BC Datasheet
73Kb / 7P
Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BC FAIRCHILD-CD4050BC Datasheet
74Kb / 7P
Hex Inverting Buffer ??Hex Non-Inverting Buffer
CD4050BCM FAIRCHILD-CD4050BCM Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4050BCM FAIRCHILD-CD4050BCM Datasheet
73Kb / 7P
Hex Inverting Buffer Hex Non-Inverting Buffer
More results


Similar Description - CD4050BCJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
Hex Inverting,Non-Inverting Buffer
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP Datasheet
240Kb / 5P
HEX BUFFER/CONVERTER (INVERTING TYPE, NON-INVERTING TYPE)
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
logo
STMicroelectronics
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
HEX BUFFER/CONVERTER (NON INVERTING)
May-2003
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
HEX BUFFER/CONVERTER (NON INVERTING)
16-Mar-2005
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
Hex Inverting Buffer Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
HEX BUFFER/CONVERTER (NON INVERTING)
Sep-2001
logo
Fairchild Semiconductor
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
Hex Inverting Buffer ??Hex Non-Inverting Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com