Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD200R Datasheet (PDF) - Vishay Siliconix

SD200R Datasheet PDF - Vishay Siliconix
Part # SD200R
Download  SD200R Download
File Size   139.05 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 200 A

SD200R Datasheet (PDF)

Go To PDF Page Download Datasheet
SD200R Datasheet PDF - Vishay Siliconix

Part # SD200R
Download  SD200R Click to download

File Size   139.05 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 200 A

SD200R Datasheet (HTML) - Vishay Siliconix


SD200R Product details

FEATURES

• Wide current range

• High voltage ratings up to 2400 V

• High surge current capabilities

• Stud cathode and stud anode version

• Standard JEDEC types

• Compression bonded encapsulations

• RoHS complaint

• Lead (Pb)-free

• Designed and qualified for industrial level



TYPICAL APPLICATIONS

• Converters

• Power supplies

• Machine tool controls

• High power drives

• Medium traction applications



 




Similar Part No. - SD200R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD200R IRF-SD200R Datasheet
213Kb / 7P
STANDARD RECOVERY DIODES Stud Version
More results


Similar Description - SD200R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
Standard Recovery Diodes (Stud Version), 200 A
28-May-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
SD200NR VISHAY-SD200NR Datasheet
139Kb / 7P
Standard Recovery Diodes (Stud Version), 200 A
17-Apr-08
SD203NR VISHAY-SD203NR Datasheet
258Kb / 10P
Fast Recovery Diodes (Stud Version), 200 A
08-Apr-08
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-SD500N VISHAY-VS-SD500N Datasheet
152Kb / 7P
Standard Recovery Diodes, (Stud Version), 475 A
10-Oct-2019
VS-SD200NR VISHAY-VS-SD200NR Datasheet
140Kb / 7P
Standard Recovery Diodes, (Stud Version), 200 A
11-Jan-18
VS-SD203NR VISHAY-VS-SD203NR Datasheet
276Kb / 10P
Fast Recovery Diodes (Stud Version) 200 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com