Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7942BRM Datasheet (PDF) - Analog Devices

AD7942BRM Datasheet PDF - Analog Devices
Part # AD7942BRM
Download  AD7942BRM Download
File Size   555.52 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN

AD7942BRM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7942BRM Datasheet PDF - Analog Devices

Part # AD7942BRM
Download  AD7942BRM Click to download

File Size   555.52 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN

AD7942BRM Datasheet (HTML) - Analog Devices


AD7942BRM Product details

GENERAL DESCRIPTION
The AD7942 is a 14-bit, charge redistribution, successive approximation PulSAR® ADC that operates from a single power supply, VDD, between 2.3 V to 5.5 V. It contains a low power, high speed, 14-bit sampling ADC with no missing codes, an internal conversion clock, and a versatile serial interface port. The part also contains a low noise, wide bandwidth, short aperture delay track-and-hold circuit. On the CNV rising edge, it samples an analog input, IN+, between 0 V to VREF with respect to a ground sense, IN−. The reference voltage, VREF, is applied externally and is set up to be the supply voltage. Its power scales linearly with the throughput.

FEATURES
   14-bit resolution with no missing codes
   Throughput: 250 kSPS
   INL: ±0.4 LSB typical, ±1 LSB maximum (±0.0061% of FSR)
   SINAD: 85 dB @ 20 kHz
   THD: −100 dB @ 20 kHz
   Pseudo differential analog input range
      0 V to VREF with VREF up to VDD
   No pipeline delay
   Single-supply 2.3 V to 5.5 V operation with
      1.8 V/2.5 V/3 V/5 V logic interface
   Serial interface SPI-/QSPI-/MICROWIRE-/
      DSP-compatible
   Daisy-chaining for multiple ADCs and busy indicator
   Power dissipation
      1.25 mW @ 2.5 V/100 kSPS, 3.6 mW @ 5 V/100 kSPS
      1.25 μW @ 2.5 V/100 SPS
   Standby current: 1 nA
   10-lead package: MSOP and 3 mm × 3 mm QFN (LFCSP)
   Pin-for-pin compatible with the 16-bit AD7685

APPLICATIONS
   Battery-powered equipment
   Data acquisition
   Instrumentation
   Medical instruments
   Process controls




Similar Part No. - AD7942BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7942BRMZ AD-AD7942BRMZ Datasheet
463Kb / 25P
Pseudo Differential ADC in MSOP/LFCSP
6/14-Rev. B to Rev. C
AD7942BRMZ-RL7 AD-AD7942BRMZ-RL7 Datasheet
463Kb / 25P
Pseudo Differential ADC in MSOP/LFCSP
6/14-Rev. B to Rev. C
More results


Similar Description - AD7942BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7683 AD-AD7683 Datasheet
467Kb / 16P
16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
AD7691 AD-AD7691 Datasheet
898Kb / 28P
18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
7/06-Revision 0
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
250 kSPS PulSAR Differential ADC in MSOP/LFCSP
23-Feb-2017
AD7685 AD-AD7685 Datasheet
542Kb / 29P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/14- Rev. C to Rev. D
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
16-Bit, 250 kSPS PulSAR ADC in MSOP
6/14- Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com