Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9778-EB Datasheet (PDF) - Analog Devices

AD9778-EB Datasheet PDF - Analog Devices
Part # AD9778-EB
Download  AD9778-EB Download
File Size   1532.27 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters

AD9778-EB Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9778-EB Datasheet PDF - Analog Devices

Part # AD9778-EB
Download  AD9778-EB Click to download

File Size   1532.27 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters

AD9778-EB Datasheet (HTML) - Analog Devices


AD9778-EB Product details

GENERAL DESCRIPTION
The AD9776/AD9778/AD9779 are dual, 12-/14-/16-bit, high dynamic range, digital-to-analog converters (DACs) that provide a sample rate of 1 GSPS, permitting multicarrier generation up to the Nyquist frequency. They include features optimized for direct conversion transmit applications, including complex digital modulation, and gain and offset compensation. The DAC outputs are optimized to interface seamlessly with analog quadrature modulators such as the AD8349. A serial peripheral interface (SPI®) provides for programming/readback of many internal parameters. Full-scale output current can be programmed over a range of 10 mA to 30 mA. The devices are manufactured on an advanced 0.18 μm CMOS process and operate on 1.8 V and 3.3 V supplies for a total power consumption of 1.0 W. They are enclosed in 100-lead TQFP packages.

FEATURES
   Low power: 1.0 W @ 1 GSPS, 600 mW @ 500 MSPS,
      full operating conditions
   SFDR = 78 dBc to fOUT = 100 MHz
   Single carrier WCDMA ACLR = 79 dBc @ 80 MHz IF
   Analog output: adjustable 8.7 mA to 31.7 mA,
      RL = 25 Ω to 50 Ω
   Novel 2×, 4×, and 8× interpolator/coarse complex modulator
      allows carrier placement anywhere in DAC bandwidth
   Auxiliary DACs allow control of external VGA and offset control
   Multiple chip synchronization interface
   High performance, low noise PLL clock multiplier
   Digital inverse sinc filter
   100-lead, exposed paddle TQFP package

APPLICATIONS
   Wireless infrastructure
      WCDMA, CDMA2000, TD-SCDMA, WiMax, GSM
   Digital high or low IF synthesis
   Internal digital upconversion capability
   Transmit diversity
   Wideband communications: LMDS/MMDS, point-to-point




Similar Part No. - AD9778-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9778 AD-AD9778 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD9778 AD-AD9778 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9778A AD-AD9778A Datasheet
1Mb / 56P
Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9778A AD-AD9778A Datasheet
1Mb / 55P
Digital-to-Analog Converters
9/2017-Rev. B to Rev. C
AD9778A-EBZ AD-AD9778A-EBZ Datasheet
1Mb / 56P
Dual, 12-/14-/16-Bit,1 GSPS
REV. B
More results


Similar Description - AD9778-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9776A AD-AD9776A Datasheet
1Mb / 56P
Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
12-Bit, 1-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9776A AD-AD9776A_15 Datasheet
1Mb / 56P
Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9161 AD-AD9161 Datasheet
2Mb / 144P
11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com