Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD694ARZ Datasheet (PDF) - Analog Devices

AD694ARZ Datasheet PDF - Analog Devices
Part # AD694ARZ
Download  AD694ARZ Download
File Size   163.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4??0 mA Transmitter

AD694ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD694ARZ Datasheet PDF - Analog Devices

Part # AD694ARZ
Download  AD694ARZ Click to download

File Size   163.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4??0 mA Transmitter

AD694ARZ Datasheet (HTML) - Analog Devices


AD694ARZ Product details

PRODUCT DESCRIPTION

The AD694 is a monolithic current transmitter that accepts high level signal inputs to drive a standard 4–20 mA current loop for the control of valves, actuators, and other devices commonly used in process control. The input signal is buffered by an input amplifier that can be used to scale the input signal or buffer the output from a current mode DAC. Precalibrated in put spans of 0 V to 2 V and 0 V to 10 V are selected by simple pin strapping; other spans may be programmed with external resistors.



FEATURES

4–20 mA, 0–20 mA Output Ranges

Precalibrated Input Ranges: 0 V to 2 V, 0 V to 10 V

Precision Voltage Reference

  Programmable to 2.000 V or 10.000 V

Single or Dual Supply Operation

Wide Power Supply Range: 4.5 V to 36 V

Wide Output Compliance

Input Buffer Amplifier

Open-Loop Alarm

Optional External Pass Transistor to Reduce Self-Heating Errors

0.002% Typ Nonlinearity




Similar Part No. - AD694ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD694AR AD-AD694AR Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694AR AD-AD694AR Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694AR AD-AD694AR Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694AR AD-AD694AR Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
More results


Similar Description - AD694ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD694 AD-AD694_02 Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD420 AD-AD420_11 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD694 AD-AD694 Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694JNZ AD-AD694JNZ Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694BRZ-REEL AD-AD694BRZ-REEL Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com