Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7304BR Datasheet (PDF) - Analog Devices

AD7304BR Datasheet PDF - Analog Devices
Part # AD7304BR
Download  AD7304BR Download
File Size   902.08 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC

AD7304BR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7304BR Datasheet PDF - Analog Devices

Part # AD7304BR
Download  AD7304BR Click to download

File Size   902.08 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC

AD7304BR Datasheet (HTML) - Analog Devices


AD7304BR Product details

GENERAL DESCRIPTION
The AD7304/AD73051 are quad, 8-bit DACs that operate from a single +3 V to +5 V supply, or ±5 V supplies. The AD7304 has a serial interface, while the AD7305 has a parallel interface.
   
FEATURES
    Four 8-bit DACs in one package
    +3 V, +5 V, and ±5 V operation
    Rail-to-rail REF input to voltage output swing
    2.6 MHz reference multiplying bandwidth
    Internal power-on reset
    SPI serial interface-compatible—AD7304
    Fast parallel interface—AD7305
    40 µA power shutdown
   
APPLICATIONS
    Automotive output span voltage
    Instrumentation, digitally controlled calibration
    Pin-compatible AD7226 replacement when VDD < 5.5 V
   




Similar Part No. - AD7304BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304BR AD-AD7304BR Datasheet
936Kb / 14P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
AD7304BR AD-AD7304BR Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR AD-AD7304BR Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR-REEL AD-AD7304BR-REEL Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR-REEL AD-AD7304BR-REEL Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results


Similar Description - AD7304BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
11/03-Data Sheet changed from REV. B to REV. C.
AD7304 AD-AD7304 Datasheet
936Kb / 14P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
logo
Analog Devices
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com