Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22100SR Datasheet (PDF) - Analog Devices

AD22100SR Datasheet PDF - Analog Devices
Part # AD22100SR
Download  AD22100SR Download
File Size   190.11 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Voltage Output Temperature Sensor with Signal Conditioning

AD22100SR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD22100SR Datasheet PDF - Analog Devices

Part # AD22100SR
Download  AD22100SR Click to download

File Size   190.11 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Voltage Output Temperature Sensor with Signal Conditioning

AD22100SR Datasheet (HTML) - Analog Devices


AD22100SR Product details

GENERAL DESCRIPTION

The AD22100 is a monolithic temperature sensor with on-chip signal conditioning. It can be operated over the temperature range −50°C to +150°C, making it ideal for use in numerous HVAC, instrumentation, and automotive applications.

The signal conditioning eliminates the need for any trimming, buffering, or linearization circuitry, greatly simplifying the system design and reducing the overall system cost.

The output voltage is proportional to the temperature x the supply voltage (ratiometric). The output swings from 0.25 V at −50°C to +4.75 V at +150°C using a single +5.0 V supply.



FEATURES

  200°C temperature span

  Accuracy better than ±2% of full scale

  Linearity better than ±1% of full scale

  Temperature coefficient of 22.5 mV/°C

  Output proportional to temperature × V+

  Single-supply operation

  Reverse voltage protection

  Minimal self-heating

  High level, low impedance output



APPLICATIONS

  HVAC systems

  System temperature compensation

  Board level temperature sensing

  Electronic thermostats



MARKETS

  Industrial process control

  Instrumentation

  Automotive



 




Similar Part No. - AD22100SR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22100SR AD-AD22100SR Datasheet
230Kb / 6P
Voltage Output Temperature Sensor with Signal Conditioning
AD22100SR AD-AD22100SR Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100SR AD-AD22100SR Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100SR AD-AD22100SR Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100SR AD-AD22100SR Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results


Similar Description - AD22100SR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
Voltage Output Temperature Sensor with Signal Conditioning
AD22103 AD-AD22103 Datasheet
224Kb / 6P
3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22103KTZ AD-AD22103KTZ Datasheet
431Kb / 6P
33 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22103 AD-AD22103_15 Datasheet
431Kb / 6P
3.3V Supply Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com