Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCMT1100 Datasheet (PDF) - Vishay Siliconix

TCMT1100 Datasheet PDF - Vishay Siliconix
Part # TCMT1100
Download  TCMT1100 Download
File Size   135.59 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package

TCMT1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCMT1100 Datasheet PDF - Vishay Siliconix

Part # TCMT1100
Download  TCMT1100 Click to download

File Size   135.59 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package

TCMT1100 Datasheet (HTML) - Vishay Siliconix


TCMT1100 Product details

DESCRIPTION
The TCMT410. series consist of a phototransistor optically coupled to a gallium arsenide infrared-emitting diode in a 16 pin (quad channel) package.

FEATURES
• Low profile package (half pitch)
• AC isolation test voltage 3750 VRMS
• Low coupling capacitance of typical 0.3 pF
• Current transfer ratio (CTR) selected into groups
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Programmable logic controllers
• Modems
• Answering machines
• General applications




Similar Part No. - TCMT1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT1100 VISHAY-TCMT1100 Datasheet
462Kb / 12P
Optocoupler with Phototransistor Output
15-Dec-00
logo
ISOCOM COMPONENTS
TCMT1100 ISOCOM-TCMT1100 Datasheet
1Mb / 10P
Half Pitch 1.27mm
logo
Vishay Siliconix
TCMT1100 VISHAY-TCMT1100 Datasheet
152Kb / 9P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
10-Mar-16
More results


Similar Description - TCMT1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT1600 VISHAY-TCMT1600 Datasheet
394Kb / 8P
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat Package
02-Feb-05
TCMT111X VISHAY-TCMT111X Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
23-May-13
TCMT110 VISHAY-TCMT110 Datasheet
152Kb / 9P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
10-Mar-16
TCMT111 VISHAY-TCMT111 Datasheet
158Kb / 9P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
10-Mar-16
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
TCMT4106 VISHAY-TCMT4106_V01 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
TCMT1600 VISHAY-TCMT1600_V01 Datasheet
402Kb / 10P
Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
20-Aug-2021
VOS617A VISHAY-VOS617A_V02 Datasheet
152Kb / 9P
Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
TCMT1600 VISHAY-TCMT1600_V02 Datasheet
402Kb / 10P
Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
20-Aug-2021
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com