Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1367073 Datasheet (PDF) - Tyco Electronics

1367073 Datasheet PDF - Tyco Electronics
Part # 1367073
Download  1367073 Download
File Size   279.81 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PT CONNECTOR ASSEMBLY, 20 POSITION, SFP, RTANG, 0.8MM

1367073 Datasheet (PDF)

Go To PDF Page Download Datasheet
1367073 Datasheet PDF - Tyco Electronics

Part # 1367073
Download  1367073 Click to download

File Size   279.81 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PT CONNECTOR ASSEMBLY, 20 POSITION, SFP, RTANG, 0.8MM

1367073 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 1367073

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1367073-1 MACOM-1367073-1 Datasheet
335Kb / 4P
SFP Solutions
1367073-1 MACOM-1367073-1 Datasheet
4Mb / 6P
Quick Reference Guide
logo
TE Connectivity Ltd
1367073-1 TEC-1367073-1 Datasheet
279Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1367073-2 MACOM-1367073-2 Datasheet
335Kb / 4P
SFP Solutions
logo
TE Connectivity Ltd
1367073-2 TEC-1367073-2 Datasheet
279Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 1367073

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
788862-1 MACOM-788862-1 Datasheet
257Kb / 2P
PT CONNECTOR ASSEMBLY, 30 POSITION, XFP, RTANG, 0.8MM PITCH
1888247-1 MACOM-1888247-1 Datasheet
305Kb / 3P
PT CONNECTOR ASSEMBLY 20 POSITION, RIGHT ANGLE, 0.8MM PITCH, SFP SFP
logo
Harwin Plc
H8501-01 HARWIN-H8501-01 Datasheet
80Kb / 1P
0.8mm SOCKET ASSEMBLY
H8505-01 HARWIN-H8505-01 Datasheet
79Kb / 1P
0.8mm SOCKET ASSEMBLY
logo
Tyco Electronics
114-13121 MACOM-114-13121 Datasheet
1Mb / 10P
Small Form-Factor Pluggable (SFP) Ganged Press-Fit PT Connector and Cage Assembly
1367629-1 MACOM-1367629-1 Datasheet
408Kb / 4P
CAGE ASSEMBLY 20 PRESS FIT , SFP
1658391-1 MACOM-1658391-1 Datasheet
442Kb / 3P
CAGE AND PT CONNECTOR ASSEMBLY
390112-1 MACOM-390112-1 Datasheet
378Kb / 2P
DIMM SOCKET ASSY, 0.8mm, 3.3V 144 POSITION
2007492-5 MACOM-2007492-5 Datasheet
878Kb / 4P
CAGE AND PT CONNECTOR ASSEMBLY, WITH EMI SPRINGS, PRESS FIT, 2X1, STACKED SFP
logo
Harwin Plc
H8504-01 HARWIN-H8504-01 Datasheet
79Kb / 1P
0.8mm SOCKET ASSEMBLY
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com