Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-60003-C1-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-60003-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-60003-C1-R0
Download  ATS-60003-C1-R0 Download
File Size   979.37 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED, >=45MM COMP

ATS-60003-C1-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-60003-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-60003-C1-R0
Download  ATS-60003-C1-R0 Click to download

File Size   979.37 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED, >=45MM COMP

ATS-60003-C1-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS-60003-C1-R0 Product details

Features & Benefits
blueICE™ heat sinks feature an ultra low profile for tough-to-cool applications
Designed for high performance in low air velocities
Ideal for telecommunications applications where space is limited
Comes pre-assembled with high performance thermal interface material




Similar Part No. - ATS-60003-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-60003-C1-R0 ATS-ATS-60003-C1-R0_17 Datasheet
302Kb / 1P
Comes preassembled with high performance thermal interface material
Rev - 040517
More results


Similar Description - ATS-60003-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-52210B-C1-R0 ATS-ATS-52210B-C1-R0 Datasheet
962Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED
Rev - 121101
ATS-52210P-C1-R0 ATS-ATS-52210P-C1-R0 Datasheet
964Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED
Rev - 121101
ATS-52230P-C1-R0 ATS-ATS-52230P-C1-R0 Datasheet
964Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED
Rev - 121101
ATS-52250G-C1-R0 ATS-ATS-52250G-C1-R0 Datasheet
963Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED
Rev - 121101
ATS-52250P-C1-R0 ATS-ATS-52250P-C1-R0 Datasheet
964Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED
Rev - 121101
ATS-52300B-C1-R0 ATS-ATS-52300B-C1-R0 Datasheet
962Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED
Rev - 121101
ATS-60000-C1-R0 ATS-ATS-60000-C1-R0 Datasheet
978Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED, 25MM COMP
Rev - 121101
ATS-60001-C1-R0 ATS-ATS-60001-C1-R0 Datasheet
979Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED, 37.5MM COMP
Rev - 121101
ATS-60002-C1-R0 ATS-ATS-60002-C1-R0 Datasheet
978Kb / 1P
maxiFLOW™ Heat Sink, T412, GOLD-ANODIZED, >=45MM COMP
Rev - 121101
ATS-60004-C1-R0 ATS-ATS-60004-C1-R0 Datasheet
977Kb / 1P
maxiFLOW™ Heat Sink, T412, BLACK-ANODIZED, >=45MM COMP
Rev - 121101
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com