Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1734592 Datasheet (PDF) - Tyco Electronics

1734592 Datasheet PDF - Tyco Electronics
Part # 1734592
Download  1734592 Download
File Size   165.83 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description FPC CONNECTOR, 0.5mm PITCH, BOTTOM CONTACT, SMT TYPE

1734592 Datasheet (PDF)

Go To PDF Page Download Datasheet
1734592 Datasheet PDF - Tyco Electronics

Part # 1734592
Download  1734592 Click to download

File Size   165.83 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description FPC CONNECTOR, 0.5mm PITCH, BOTTOM CONTACT, SMT TYPE

1734592 Datasheet (HTML) - Tyco Electronics


1734592 Product details

As the demands for higher density packaging of electronic equipment increases, the use of flexible printed circuits (FPC) to reduce size, weight and assembly costs has expanded. FPC is finding wide acceptance in the computer industry, particularly in such applications as Lap Top, Notebook, Palm Top and Note Pad Computers. Other markets include: Disk Drives, Printers, Plotters, Copiers, Cellular Phones, and Medical Equipment.



Product Facts

■ Available in ZIF and non-ZIF

■ Available in 0.3, 0.5, 1.0, and 1.25mm Centerlines

■ Available Tin-Lead or Lead Free

■ SMT, Thu-Hole, Vertical and Right-Angle

■ Right-Angle Available Top or Bottom Contact



 




Similar Part No. - 1734592

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1734591 PHOENIX-1734591 Datasheet
68Kb / 3P
Printed-circuit board connector - CCDN 2,5/17-G1F P26 THR
More results


Similar Description - 1734592

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
487952 MACOM-487952 Datasheet
52Kb / 2P
1.0 mm, FPC Connector, Right Angle, SMT, Bottom Contact
logo
Molex Electronics Ltd.
5027613300 MOLEX11-5027613300 Datasheet
668Kb / 6P
0.30mm (.012") Pitch Easy-On Type FPC Connector, Right Angle, SMT, Bottom Contact
5026112021 MOLEX11-5026112021 Datasheet
649Kb / 5P
0.50mm (.020") Pitch Easy-On Type FPC Connector, Right Angle, SMT, Bottom Contact
5027614900 MOLEX11-5027614900 Datasheet
668Kb / 6P
0.30mm (.012") Pitch Easy-On Type FPC Connector, Right Angle, SMT, Bottom Contact, 0.62mm
logo
Tyco Electronics
1-1734839-5 MACOM-1-1734839-5 Datasheet
464Kb / 3P
FPC CONNECTOR, 0.5mm PITCH, TOP CONTACT, SMT TYPE.
logo
FCI connector
62674-241121ALF FCI-CONNECTOR-62674-241121ALF Datasheet
1Mb / 10P
0.5mm FPC/FFC SMT
logo
List of Unclassifed Man...
MC34371 ETC2-MC34371 Datasheet
29Kb / 2P
1.0mm FPC Connector - Bottom Contact
logo
Wurth Elektronik GmbH &...
6861XX148922 WURTH-6861XX148922 Datasheet
895Kb / 3P
WR-FPC -SMT ZIF HORIZONTAL - BOTTOM CONTACT, 1.00MM HINGE TYPE
6871XX14522 WURTH-6871XX14522 Datasheet
1Mb / 5P
0.5MM ZIF FPC HORIZONTAL BOTTOM CONTACT TYPE - TAPE & REEL PACKAGING
logo
EXCEL CELL ELECTRONIC C...
EFC-PT24-SD ECE-EFC-PT24-SD Datasheet
210Kb / 5P
0.5mm Contact Spacing, ZIF Type Board To FPC Connectors Slide SMT Type
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com