Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3485EN-L Datasheet (PDF) - Exar Corporation

SP3485EN-L Datasheet PDF - Exar Corporation
Part # SP3485EN-L
Download  SP3485EN-L Download
File Size   544.02 Kbytes
Page   9 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate

SP3485EN-L Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3485EN-L Datasheet PDF - Exar Corporation

Part # SP3485EN-L
Download  SP3485EN-L Click to download

File Size   544.02 Kbytes
Page   9 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate

SP3485EN-L Datasheet (HTML) - Exar Corporation


SP3485EN-L Product details

DESCRIPTION
The SP3485 device is a +3.3V low power half-duplex transceiver that meets the specifications of the RS-485 and RS-422 serial protocols. This device is pin-to-pin compatible with the Exar SP481, SP483 and SP485 devices as well as popular industry standards. The SP3485 features the Exar BiCMOS process, allowing low power operation without sacrificing performance. The SP3485 can meet the electrical specifications of the RS-485 and RS-422 serial protocols up to 10Mbps under load.

• RS-485 and RS-422 Transceiver
• Operates from a single +3.3V Supply
• Interoperable with +5.0V logic
• Driver/Receiver Enable
• -7V to +12V Common-Mode Input Voltage Range
• Allows up to 32 transceivers on the serial bus
• Compatibility with industry standard 75176 pinout
• Driver Output Short-Circuit Protection




Similar Part No. - SP3485EN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3485EN SIPEX-SP3485EN Datasheet
156Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3485EN SIPEX-SP3485EN Datasheet
125Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3485ENL EXAR-SP3485ENL Datasheet
158Kb / 1P
Flammability rating of UL 94‐V0
More results


Similar Description - SP3485EN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3481 SIPEX-SP3481 Datasheet
156Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3483 SIPEX-SP3483 Datasheet
156Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481 SIPEX-SP3481 Datasheet
125Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3483 SIPEX-SP3483_04 Datasheet
118Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
logo
Exar Corporation
SP3490 EXAR-SP3490 Datasheet
776Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490EN-L EXAR-SP3490EN-L Datasheet
693Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490EN-L-TR EXAR-SP3490EN-L-TR Datasheet
776Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3483EN-L EXAR-SP3483EN-L Datasheet
564Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com