Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C261-20WC Datasheet (PDF) - Cypress Semiconductor

CY7C261-20WC Datasheet PDF - Cypress Semiconductor
Part # CY7C261-20WC
Download  CY7C261-20WC Download
File Size   481.49 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K x 8 Power-Switched and Reprogrammable PROM

CY7C261-20WC Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C261-20WC Datasheet PDF - Cypress Semiconductor

Part # CY7C261-20WC
Download  CY7C261-20WC Click to download

File Size   481.49 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K x 8 Power-Switched and Reprogrammable PROM

CY7C261-20WC Datasheet (HTML) - Cypress Semiconductor


CY7C261-20WC Product details

Functional Description

The CY7C261, CY7C263, and CY7C264 are high-performance 8192-word by 8-bit CMOS PROMs. When deselected, the 7C261 automatically powers down into a low-power stand by mode. It is packaged in a 300-mil-wide package. The 7C263 and 7C264 are packaged in 300-mil-wide and 600-mil-wide packages respectively, and do not power down when deselected. The reprogrammable packages are equipped with an erasure window; when exposed to UV light, these PROMs are erased and can then be reprogrammed. The memory cells utilize proven EPROM floating-gate technology and byte-wide in telligent programming algorithms.

The CY7C261, CY7C263, and CY7C264 are plug-in replacements for bipolar devices and offer the advantages of lower power, superior performance and programming yield. The EPROM cell requires only 12.5V for the supervoltage and low current requirements allow for gang programming. The EPROM cells allow for each memory location to be tested 100%, as each location is written into, erased, and repeatedly exercised prior to encapsulation. Each PROM is also tested for AC performance to guarantee that after customer programming the product will meet DC and AC specification limits.



Features

• CMOS for optimum speed/power

• Windowed for reprogrammability

• High speed

   — 20 ns (commercial)

   — 25 ns (military)

• Low power

   — 660 mW (commercial)

   — 770 mW (military)

• Super low standby power (7C261)

   — Less than 220 mW when deselected

   — Fast access: 20 ns

• EPROM technology 100% programmable

• Slim 300-mil or standard 600-mil packaging available

• 5V ± 10% VCC, commercial and military

• Capable of withstanding greater than 2001V static discharge

• TTL-compatible I/O

• Direct replacement for bipolar PROMs



 




Similar Part No. - CY7C261-20WC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261-20WC CYPRESS-CY7C261-20WC Datasheet
248Kb / 14P
8K x 8 Power-Switched and Reprogrammable PROM
CY7C261-20WC CYPRESS-CY7C261-20WC Datasheet
384Kb / 14P
8K x 8 Power-Switched and Reprogrammable PROM
More results


Similar Description - CY7C261-20WC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261 Datasheet
248Kb / 14P
8K x 8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
8Kx8 Power-Switched and Reprogrammable PROM
12/27/02
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
32K x 8 Power Switched and Reprogrammable PROM
December 27, 2002
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
2K x 8 Reprogrammable PROM
CY7C271A CYPRESS-CY7C271A Datasheet
167Kb / 10P
32K x 8 Power Switched and Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261_06 Datasheet
384Kb / 14P
8K x 8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
8Kx8 Power-Switched and Reprogrammable PROM
CY7C271 CYPRESS-CY7C271_06 Datasheet
380Kb / 13P
32K x 8 Power Switched and Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
2K x 8 Reprogrammable PROM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com