Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7229LS6 Datasheet (PDF) - Hittite Microwave Corporation

HMC7229LS6 Datasheet PDF - Hittite Microwave Corporation
Part # HMC7229LS6
Download  HMC7229LS6 Download
File Size   552.09 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER With Power Detector, 37 - 40 GHz

HMC7229LS6 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC7229LS6 Datasheet PDF - Hittite Microwave Corporation

Part # HMC7229LS6
Download  HMC7229LS6 Click to download

File Size   552.09 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER With Power Detector, 37 - 40 GHz

HMC7229LS6 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC7229LS6

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7229LS6 AD-HMC7229LS6 Datasheet
472Kb / 16P
Point to point radios
REV. B
HMC7229LS6TR AD-HMC7229LS6TR Datasheet
472Kb / 16P
Point to point radios
REV. B
More results


Similar Description - HMC7229LS6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA39000 FAIRCHILD-RMPA39000 Datasheet
206Kb / 10P
37-40 GHz GaAs MMIC Power Amplifier
RMPA39100 FAIRCHILD-RMPA39100 Datasheet
473Kb / 10P
37-40 GHz 1 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC-APH473 HITTITE-HMC-APH473 Datasheet
208Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
HMC949 HITTITE-HMC949 Datasheet
982Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
HMC968 HITTITE-HMC968 Datasheet
860Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
HMC949 HITTITE-HMC949_11 Datasheet
980Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
HMC968_1103 HITTITE-HMC968_1103 Datasheet
814Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
logo
Analog Devices
HMC952ALP5GE AD-HMC952ALP5GE Datasheet
831Kb / 10P
GaAs pHEMT MMIC 2 Watt POWER AMPLIFIER WITH POWER DETECTOR
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com