Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR20 Datasheet (PDF) - List of Unclassifed Manufacturers

TR20 Datasheet PDF - List of Unclassifed Manufacturers
Part # TR20
Download  TR20 Download
File Size   115.0 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description TO-220 and TO-247 Style Power Resistor

TR20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TR20 Datasheet PDF - List of Unclassifed Manufacturers

Part # TR20
Download  TR20 Click to download

File Size   115.0 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description TO-220 and TO-247 Style Power Resistor

TR20 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - TR20

ManufacturerPart #DatasheetDescription
logo
E-T-A Elektrotechnische...
TR20-2C5-1 E-T-A-TR20-2C5-1 Datasheet
63Kb / 1P
Timer Relay 12 V Delay ON (T) minutes 1’ - 60’
TR20-2D5-1 E-T-A-TR20-2D5-1 Datasheet
63Kb / 1P
Timer Relay Reverser 12 V Delay OFF (T) minutes 1’ - 60’
TR20-2E5-1 E-T-A-TR20-2E5-1 Datasheet
140Kb / 1P
Timer Relay Reverser 12 V with Impulse Starting Delay OFF (T) seconds 1” - 60”
TR20-4C5-1 E-T-A-TR20-4C5-1 Datasheet
63Kb / 1P
Timer Relay 24 V Delay ON (T) minutes 1’ - 60’
TR20-4D5-1 E-T-A-TR20-4D5-1 Datasheet
57Kb / 1P
Timer Relay Reverser 24 V Delay OFF (T) minutes 1’ - 60’
More results


Similar Description - TR20

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
TFP-MHP100LF-10R0-J IRCTT-TFP-MHP100LF-10R0-J Datasheet
781Kb / 3P
MHP TO-247 Series Power Resistor
logo
Ohmite Mfg. Co.
WV-T220-101E OHMITE-WV-T220-101E Datasheet
82Kb / 1P
For TO-220 and TO-247 devices
C247-025 OHMITE-C247-025 Datasheet
309Kb / 2P
TO-247, TO-220 and TO-264 Package Heatsinks
R2V-CT2-38E OHMITE-R2V-CT2-38E Datasheet
271Kb / 2P
R2 Series For TO-220 and TO-247
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915 Datasheet
249Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101 Datasheet
333Kb / 2P
TO-247 style power package
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915_17 Datasheet
532Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
MP2060 CADDOCK-MP2060_17 Datasheet
391Kb / 1P
TO-220 Style Power Resistor Designed for Clip Mounting
MP900 CADDOCK-MP900 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Stackpole Electronics, ...
TR_SERIES SEI-TR_SERIES Datasheet
328Kb / 5P
TO-220 and TO-247 Style Power Resistor
7/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com