Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N0439N Datasheet (PDF) - Renesas Technology Corp

N0439N Datasheet PDF - Renesas Technology Corp
Part # N0439N
Download  N0439N Download
File Size   221.66 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 40 V, 90 A, 3.3 m廓

N0439N Datasheet (PDF)

Go To PDF Page Download Datasheet
N0439N Datasheet PDF - Renesas Technology Corp

Part # N0439N
Download  N0439N Click to download

File Size   221.66 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 40 V, 90 A, 3.3 m廓

N0439N Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - N0439N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
N0439N ISC-N0439N Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - N0439N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6796 FAIRCHILD-FDD6796 Datasheet
287Kb / 6P
N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMS8848NZ FAIRCHILD-FDMS8848NZ Datasheet
295Kb / 7P
N-Channel PowerTrench짰 MOSFET 40 V, 49 A, 3.1 m廓
FDD8426H FAIRCHILD-FDD8426H Datasheet
469Kb / 11P
Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 12 A, 12 m廓 P-Channel: -40 V, -10 A, 17 m廓
FDS4897AC FAIRCHILD-FDS4897AC Datasheet
413Kb / 10P
Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 6.1 A, 26 m廓 P-Channel: -40 V, -5.2 A, 39 m廓
logo
NXP Semiconductors
PSMN3R3-40YS NXP-PSMN3R3-40YS Datasheet
255Kb / 15P
N-channel LFPAK 40 V 3.3 m廓 standard level MOSFET
Rev. 01-8 March 2010
logo
Fairchild Semiconductor
FCB36N60N FAIRCHILD-FCB36N60N Datasheet
239Kb / 8P
N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
FCB36N60NTM FAIRCHILD-FCB36N60NTM Datasheet
239Kb / 8P
N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
logo
ON Semiconductor
NTMYS3D5N04C ONSEMI-NTMYS3D5N04C Datasheet
331Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 3.3 m, 102 A
June, 2019-Rev. 0
NVMYS3D5N04C ONSEMI-NVMYS3D5N04C Datasheet
334Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 3.3 m, 102 A
July, 2019 ??Rev. 0
NVMJST3D3N04C ONSEMI-NVMJST3D3N04C Datasheet
195Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 3.3 m, 157 A
August, 2022 - Rev. 1
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com