Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NV4V41SF Datasheet (PDF) - Renesas Technology Corp

NV4V41SF Datasheet PDF - Renesas Technology Corp
Part # NV4V41SF
Download  NV4V41SF Download
File Size   278.25 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source

NV4V41SF Datasheet (PDF)

Go To PDF Page Download Datasheet
NV4V41SF Datasheet PDF - Renesas Technology Corp

Part # NV4V41SF
Download  NV4V41SF Click to download

File Size   278.25 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source

NV4V41SF Datasheet (HTML) - Renesas Technology Corp


NV4V41SF Product details

DESCRIPTION
The NV4V41SF is a high output blue-violet laser diode with a wavelength of 405 nm. A newly developed LD chip structure achieves a high optical power output of 600 mW (CW).

FEATURES
• High optical output power Po = 600 mW @CW
• Peak wavelength λp = 400 to 405 nm
• Multi transverse mode (lateral)
• Operating temperature range TC = 0 to +30°C
• φ 5.6 mm CAN package

APPLICATIONS
• Blue-violet laser light source
• Light source for Laser Direct Imaging system
• Light source for industrial manufacturing equipment




Similar Part No. - NV4V41SF

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NV4V41SF CEL-NV4V41SF Datasheet
581Kb / 9P
Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V41SF-A CEL-NV4V41SF-A Datasheet
581Kb / 9P
Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
Renesas Technology Corp
NV4V41SF RENESAS-NV4V41SF_15 Datasheet
278Kb / 9P
Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
More results


Similar Description - NV4V41SF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-LS5010 SANYO-DL-LS5010 Datasheet
19Kb / 1P
BLUE-VIOLET LASER DIODE
logo
Renesas Technology Corp
NV4V31MF RENESAS-NV4V31MF Datasheet
201Kb / 8P
Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31MF RENESAS-NV4V31MF_12 Datasheet
249Kb / 9P
Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31SF RENESAS-NV4V31SF Datasheet
284Kb / 9P
Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
California Eastern Labs
NV4V41SF CEL-NV4V41SF Datasheet
581Kb / 9P
Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31SF CEL-NV4V31SF Datasheet
586Kb / 9P
Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31MF CEL-NV4V31MF Datasheet
733Kb / 9P
Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
Renesas Technology Corp
NV4V31SF RENESAS-NV4V31SF_15 Datasheet
295Kb / 9P
Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V41SF RENESAS-NV4V41SF_15 Datasheet
278Kb / 9P
Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31MF RENESAS-NV4V31MF_15 Datasheet
272Kb / 9P
Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com