Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

644807 Datasheet (PDF) - Tyco Electronics

644807 Datasheet PDF - Tyco Electronics
Part # 644807
Download  644807 Download
File Size   128.38 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA-156 POSTED CONNECTOR ASSEMBLY, 18 AWG

644807 Datasheet (PDF)

Go To PDF Page Download Datasheet
644807 Datasheet PDF - Tyco Electronics

Part # 644807
Download  644807 Click to download

File Size   128.38 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA-156 POSTED CONNECTOR ASSEMBLY, 18 AWG

644807 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 644807

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
644803 TEC-644803 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
logo
Tyco Electronics
644809-2 MACOM-644809-2 Datasheet
155Kb / 1P
MTA-100 SHROUDED HEADER ASSEMBLY
644809-3 MACOM-644809-3 Datasheet
155Kb / 1P
MTA-100 SHROUDED HEADER ASSEMBLY
644809-4 MACOM-644809-4 Datasheet
155Kb / 1P
MTA-100 SHROUDED HEADER ASSEMBLY
644809-5 MACOM-644809-5 Datasheet
155Kb / 1P
MTA-100 SHROUDED HEADER ASSEMBLY
More results


Similar Description - 644807

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-640426-2 MACOM-3-640426-2 Datasheet
134Kb / 1P
MTA 156 CONNECTOR ASSEMBLY, 18 AWG, STANDARD
644814 MACOM-644814 Datasheet
129Kb / 1P
MTA-156 POSTED CONNECTOR ASSEMBLY, 22 AWG
644860 MACOM-644860 Datasheet
113Kb / 1P
MTA-156 CONNECTOR ASSEMBLY, 18 AWG, UL94V-0, SPECIAL
644878 MACOM-644878 Datasheet
139Kb / 1P
MTA-156 CONNECTOR ASSEMBLY 18 AWG, STANDARD, TAPE MOUNTED
647001 MACOM-647001 Datasheet
268Kb / 2P
MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 24 AWG
647003 MACOM-647003 Datasheet
270Kb / 2P
MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 28 AWG
647010 MACOM-647010 Datasheet
263Kb / 2P
MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 26 AWG
647016 MACOM-647016 Datasheet
262Kb / 2P
MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 22 AWG
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
MTA 156 POSTED CONNECTOR ASSEMBLY
3-644465-2 MACOM-3-644465-2 Datasheet
113Kb / 1P
MTA 156 CONNECTOR ASSEMBLY, 18 AWG
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com