Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA2812T1L Datasheet (PDF) - Renesas Technology Corp

UPA2812T1L Datasheet PDF - Renesas Technology Corp
Part # UPA2812T1L
Download  UPA2812T1L Download
File Size   173.62 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description P-channel MOSFEF ??0 V, ??0 A, 4.8 m廓

UPA2812T1L Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA2812T1L Datasheet PDF - Renesas Technology Corp

Part # UPA2812T1L
Download  UPA2812T1L Click to download

File Size   173.62 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description P-channel MOSFEF ??0 V, ??0 A, 4.8 m廓

UPA2812T1L Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - UPA2812T1L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2810 RENESAS-UPA2810 Datasheet
359Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2008
UPA2810T1L-E1-AY RENESAS-UPA2810T1L-E1-AY Datasheet
359Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2008
UPA2810T1L-E2-AY RENESAS-UPA2810T1L-E2-AY Datasheet
359Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2008
UPA2811T1L RENESAS-UPA2811T1L Datasheet
227Kb / 8P
MOS FIELD EFFECT TRANSISTOR
UPA2811T1L-E1-AY RENESAS-UPA2811T1L-E1-AY Datasheet
227Kb / 8P
MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - UPA2812T1L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
NVD5117PL ONSEMI-NVD5117PL Datasheet
146Kb / 6P
??0 V, 16 m, ??1 A, Single P?묬hannel
September, 2011 ??Rev. 0
logo
Fairchild Semiconductor
FDMS86310 FAIRCHILD-FDMS86310 Datasheet
302Kb / 7P
N-Channel PowerTrench짰 MOSFET 80 V, 50 A, 4.8 m廓
logo
Renesas Technology Corp
UPA2813T1L RENESAS-UPA2813T1L Datasheet
192Kb / 7P
P-channel MOSFET ??0 V, ??7 A, 6.2 m廓
UPA2814T1S RENESAS-UPA2814T1S Datasheet
167Kb / 7P
P-channel MOSFET ??0 V, ??4 A, 7.8 m廓
UPA2816T1S RENESAS-UPA2816T1S Datasheet
148Kb / 7P
P-channel MOSFET ??0 V, ??7 A, 15.5 m廓
UPA2738GR RENESAS-UPA2738GR Datasheet
199Kb / 8P
P-channel MOSFET ??0 V, ??0 A, 15 m
logo
ON Semiconductor
NVTFS5124PL ONSEMI-NVTFS5124PL Datasheet
127Kb / 6P
Power MOSFET ??0 V, ?? A, 260 m, Single P?묬hannel
May, 2013 ??Rev. 2
logo
Texas Instruments
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com