Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT29C040A-90PC Datasheet (PDF) - ATMEL Corporation

AT29C040A-90PC Datasheet PDF - ATMEL Corporation
Part # AT29C040A-90PC
Download  AT29C040A-90PC Download
File Size   258.49 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory

AT29C040A-90PC Datasheet (PDF)

Go To PDF Page Download Datasheet
AT29C040A-90PC Datasheet PDF - ATMEL Corporation

Part # AT29C040A-90PC
Download  AT29C040A-90PC Click to download

File Size   258.49 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory

AT29C040A-90PC Datasheet (HTML) - ATMEL Corporation


AT29C040A-90PC Product details

Description
The AT29C040A is a 5-volt only in-system Flash Programmable and Erasable Read Only Memory (PEROM). Its 4 megabits of memory is organized as 524,288 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS EEPROM technology, the device offers access times up to 90 ns, and a low 220 mW power dissipation. When the device is deselected, the CMOS standby current is less than 100 µA. The device endurance is such that any sector can typically be written to in excess of 10,000 times. The programming algorithm is compatible with other devices in Atmel’s 5-volt only Flash family.
To allow for simple in-system reprogrammability, the AT29C040A does not require high input voltages for programming. Five-volt-only commands determine the operation of the device. Reading data out of the device is similar to reading from an EPROM. Reprogramming the AT29C040A is performed on a sector basis; 256 bytes of data are loaded into the device and then simultaneously programmed.

Features
• Fast Read Access Time – 90 ns
• 5-volt Only Reprogramming
• Sector Program Operation
   – Single Cycle Reprogram (Erase and Program)
   – 2048 Sectors (256 Bytes/Sector)
   – Internal Address and Data Latches for 256 Bytes
• Internal Program Control and Timer
• Hardware and Software Data Protection
• Two 16K Bytes Boot Blocks with Lockout
• Fast Sector Program Cycle Time – 10 ms
• DATA Polling for End of Program Detection
• Low Power Dissipation
   – 40 mA Active Current
   – 100 µA CMOS Standby Current
• Typical Endurance > 10,000 Cycles
• Single 5V ± 10% Supply
• CMOS and TTL Compatible Inputs and Outputs




Similar Part No. - AT29C040A-90PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C040A-90PC ATMEL-AT29C040A-90PC Datasheet
258Kb / 17P
4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
More results


Similar Description - AT29C040A-90PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C040A ATMEL-AT29C040A Datasheet
234Kb / 11P
4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
AT29LV040A ATMEL-AT29LV040A Datasheet
432Kb / 10P
4 Megabit 512K x 8 3-volt Only 256 Byte Sector CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT29C040A ATMEL-AT29C040A_08 Datasheet
409Kb / 17P
4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29LV040A ATMEL-AT29LV040A_08 Datasheet
459Kb / 16P
4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A-15JI ATMEL-AT29LV040A-15JI Datasheet
387Kb / 16P
4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29C040A-90PI ATMEL-AT29C040A-90PI Datasheet
258Kb / 17P
4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
4-megabit (512K x 8) 5-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com