Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3296W Datasheet (PDF) - Bourns Electronic Solutions

3296W Datasheet PDF - Bourns Electronic Solutions
Part # 3296W
Download  3296W Download
File Size   183.68 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Square Trimpot Trimming Potentiometer Tape and reel packaging available

3296W Datasheet (PDF)

Go To PDF Page Download Datasheet
3296W Datasheet PDF - Bourns Electronic Solutions

Part # 3296W
Download  3296W Click to download

File Size   183.68 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Square Trimpot Trimming Potentiometer Tape and reel packaging available

3296W Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - 3296W

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3296W DBLECTRO-3296W Datasheet
210Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
logo
Vatronics Technologies ...
3296W VATRONICS-3296W Datasheet
74Kb / 3P
9mm Square Multi-Turn Trimmer Potentiometers
logo
Bourns Electronic Solut...
3296W-1-100 BOURNS-3296W-1-100 Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-100ALF BOURNS-3296W-1-100ALF Datasheet
121Kb / 2P
3296 - 3/8 ??Square Trimming Potentiometer - Bourns
3296W-1-100LF BOURNS-3296W-1-100LF Datasheet
121Kb / 2P
3296 - 3/8 ??Square Trimming Potentiometer - Bourns
More results


Similar Description - 3296W

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362P-1-502TLF BOURNS-3362P-1-502TLF Datasheet
283Kb / 2P
Square Trimpot Trimming Potentiometer Tape and reel packaging available
3386P-1-103TLF BOURNS-3386P-1-103TLF Datasheet
296Kb / 3P
Square Trimpot Trimming Potentiometer Available with cross-slot rotor
3260 BOURNS-3260 Datasheet
108Kb / 1P
1/4 ??Square Trimpot Trimming Potentiometer
RJ22 BOURNS-RJ22 Datasheet
108Kb / 1P
1/2 Square Trimpot Trimming Potentiometer
RJ24FL202 BOURNS-RJ24FL202_12 Datasheet
184Kb / 1P
Square Trimpot Trimming Potentiometer
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
Square Trimpot Trimming Potentiometer
RT24C2P501 BOURNS-RT24C2P501 Datasheet
187Kb / 1P
Square Trimpot Trimming Potentiometer
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
Square Trimpot Trimming Potentiometer
logo
M/A-COM Technology Solu...
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
Tape and Reel Packaging Available
MAAD-007083 MA-COM-MAAD-007083 Datasheet
787Kb / 5P
Tape and Reel Packaging Available
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com