Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1085 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM1085 Datasheet PDF - Texas Instruments
Part # LM1085
Download  LM1085 Download
File Size   2093.34 Kbytes
Page   22 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.

LM1085 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1085 Datasheet PDF - Texas Instruments

Part # LM1085
Download  LM1085 Click to download

File Size   2093.34 Kbytes
Page   22 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.

LM1085 Datasheet (HTML) - Texas Instruments




Similar Part No. - LM1085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
3A Low Dropout Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
LM1085 TI1-LM1085 Datasheet
2Mb / 29P
3-A Low Dropout Positive Regulators
logo
Seme LAB
LM1085-05-220M SEME-LAB-LM1085-05-220M Datasheet
35Kb / 3P
LOW DROPOUT 3 AMP POSITIVE
More results


Similar Description - LM1085

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
GTM CORPORATION
GL1147 GTM-GL1147 Datasheet
222Kb / 3P
a low dropout at positive fixed-mode regulator with minimum of 1A output current capability.
logo
Texas Instruments
LM1117-N TI-LM1117-N Datasheet
2Mb / 32P
The LM1117-N is a series of low dropout voltage regulators with a dropout of 1.2V at 800mA of load current.
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
LM1085 3A Low Dropout Positive Regulators
logo
Advanced Power Electron...
APE8800 A-POWER-APE8800_14 Datasheet
126Kb / 8P
Low Dropout Voltage of 250mV at 300mA
APE8800A A-POWER-APE8800A_14 Datasheet
158Kb / 7P
Low Dropout Voltage of 250mV at 300mA
APE8805 A-POWER-APE8805_14 Datasheet
398Kb / 10P
Low Dropout Voltage of 600mV at 600mA
logo
International Rectifier
OM7764ASC IRF-OM7764ASC_15 Datasheet
168Kb / 5P
Dropout Voltage of 400mV at Full Load
OM7764ASM IRF-OM7764ASM_15 Datasheet
181Kb / 5P
Dropout Voltage of 400mV at Full Load
logo
Shenzhen Huazhimei Semi...
AMS1117B HMSEMI-AMS1117B Datasheet
947Kb / 9P
series of low dropout three-terminal regulators with a dropout of 1.3V at 1A load current
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com