Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB3L02 Datasheet (PDF) - ON Semiconductor

NB3L02 Datasheet PDF - ON Semiconductor
Part # NB3L02
Download  NB3L02 Download
File Size   200.97 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2.8 V, High Precision 1:2 Clock Fanout Buffer

NB3L02 Datasheet (PDF)

Go To PDF Page Download Datasheet
NB3L02 Datasheet PDF - ON Semiconductor

Part # NB3L02
Download  NB3L02 Click to download

File Size   200.97 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2.8 V, High Precision 1:2 Clock Fanout Buffer

NB3L02 Datasheet (HTML) - ON Semiconductor




Similar Part No. - NB3L02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L03 ONSEMI-NB3L03 Datasheet
173Kb / 4P
2.8 V, High Precision 1:3 Clock Fanout Buffer
February, 2014 ??Rev. 1
NB3L03FCT2G ONSEMI-NB3L03FCT2G Datasheet
173Kb / 4P
2.8 V, High Precision 1:3 Clock Fanout Buffer
February, 2014 ??Rev. 1
More results


Similar Description - NB3L02

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
1:4 Clock Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
1:4 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
1:10 Clock Fanout Buffer
logo
Micrel Semiconductor
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
Precision 1:8 LVDS Clock Fanout Buffer
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY58606U MICREL-SY58606U_11 Datasheet
698Kb / 13P
4.25Gbps Precision, 1:2 CML Fanout Buffer
logo
Cypress Semiconductor
CY2DP818 CYPRESS-CY2DP818_12 Datasheet
414Kb / 13P
1:8 Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
3.3V LVPECL 1:2 Clock Fanout Buffer
logo
ON Semiconductor
NB3L03 ONSEMI-NB3L03 Datasheet
173Kb / 4P
2.8 V, High Precision 1:3 Clock Fanout Buffer
February, 2014 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com